Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC5-IP-N220 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STAC5-IP-N220
Description  AC EtherNet/IP Advanced Microstep Drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STAC5-IP-N220 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STAC5-IP-N220 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC5-IP-N220 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC5-IP-N220 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC5-IP-N220 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC5-IP-N220 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC5-IP-N220 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC5-IP-N220 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC5-IP-N220 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Datasheet
www.Applied-Motion.com
STAC5-IP-N220
AC EtherNet/IP Advanced Microstep Drive
1pc. - 659.00
50pc. - 494.25
Product Features
Programmable, microstepping digital step motor
driver in compact package
Advanced anti-resonance algorithm
Torque ripple smoothing
Microstepping to 51,200 steps/rev
Operates from 220 VAC
Provides motor current up to 2.55 A/phase (peak of
sine) with idle current reduction
Fast 10/100 Ethernet for programming and
communications
EtherNet/IP communication protocol for network
communications with PLCs and other devices
Supports all STAC5-S and STAC5-Q control modes
UDP & TCP support
12 digital inputs, 6 digital outputs, all optically
isolated
1 analog input, +/-10 volt range
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544


Similar Part No. - STAC5-IP-N220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STAC5-IP-N120 ETC2-STAC5-IP-N120 Datasheet
580Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive
More results

Similar Description - STAC5-IP-N220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STAC5-IP-N120 ETC2-STAC5-IP-N120 Datasheet
580Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive
ST10-IP-EN ETC2-ST10-IP-EN Datasheet
936Kb / 10P
   DC EtherNet/IP Advanced Microstep Drive
ST5-IP-EN ETC2-ST5-IP-EN Datasheet
608Kb / 9P
   DC EtherNet/IP Advanced Microstep Drive
STAC5-IP-E120 ETC2-STAC5-IP-E120 Datasheet
580Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC5-IP-E220 ETC2-STAC5-IP-E220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
ST10-IP-EE ETC2-ST10-IP-EE Datasheet
943Kb / 10P
   DC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
ST5-IP-EE ETC2-ST5-IP-EE Datasheet
615Kb / 9P
   DC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC5-S-N220 ETC2-STAC5-S-N220 Datasheet
848Kb / 7P
   AC Advanced Microstep Drive
STAC5-S-N120 ETC2-STAC5-S-N120 Datasheet
846Kb / 7P
   AC Advanced Microstep Drive
STAC5-S-E120 ETC2-STAC5-S-E120 Datasheet
844Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com