Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7018Y290D2-045V8H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B7018Y290D2-045V8H
Description  High-Density 2U dual-socket SMP server implementation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B7018Y290D2-045V8H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B7018Y290D2-045V8H Datasheet HTML 1Page - List of Unclassifed Manufacturers B7018Y290D2-045V8H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Density 2U dual-socket SMP server
implementation
for IPDC and enterprise virtualization
applications
YR290-B7018
B7018Y290D2-045V8H/ B7018Y290D2-045W8HR
Specifications are subject to change without notice. Items pictured may only be representative.
HIGH-DENSITY
2U SERVER
PLATFORM
Front View
Front View
Back View
Back View
Dual LGA1366 sockets support up to (2) Intel® Xeon® processors 5500/5600 series
(codenamed Nehalem-EP/Westmere-EP)
Support QPI 6.4/ 5.86/ 4.8 GT/s
Intel® 5500 IOH / Intel® ICH10R South Bridge
(12) 240-pin DDR3 DIMM slots support up to 96GB R-DDR3 1333/1066/800MHz w/ ECC
memory
(2) Full-Height + (1) Low-Profile PCI-E (Gen.2) slots on 2U riser sharing (16) PCI-E lanes
(B7018Y290D2-045V8H)
(1) Full-Height + (1) Low-Profile PCI-E (Gen.2) slots on 2U riser (B7018Y290D2-045W8HR)
(3) GbE LAN
(8) Hot-swap 2.5" SATA-II HDDs. (Order separately for a 3rd party RAID adapter to
enable full RAID functions) (B7018Y290D2-045V8H)
(8) Hot-swap 2.5" SAS HDDs. (TYAN P3202 is pre-installed on B7018Y290D2-045W8HR)
(Opt.) (1) ultra-slim ODD
Onboard BMC w/ IPMI and iKVM support
(1) Redundancy ready, ERP1U high-efficiency 450W PSU w/ PFC, 80-PLUS Silver Certified.
(B7018Y290D2-045V8H)
(1+1) Redundancy ready, ERP1U high-efficiency 450W PSU w/ PFC, 80-PLUS Silver
Certified. (B7018Y290D2-045W8HR)


Similar Part No. - B7018Y290D2-045V8H

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B701 PULSE-B701 Datasheet
165Kb / 2P
   XDSL SPLITTER FILTER MODULE
logo
List of Unclassifed Man...
B7015F72V2R(BTO) ETC2-B7015F72V2R(BTO) Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
B7015F72V2R-N427 ETC2-B7015F72V2R-N427 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
B7015F72V2R-N625 ETC2-B7015F72V2R-N625 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
B7016G24V4H ETC2-B7016G24V4H Datasheet
905Kb / 2P
   Best 1U dual-socket SMP server implementation for HPC and enterprise virtualization applications
More results

Similar Description - B7018Y290D2-045V8H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
   2U Dual-Socket Server Implementation
YR190-B8238-X2 ETC2-YR190-B8238-X2 Datasheet
543Kb / 2P
   High-Density 1U dual-socket SMP server implementation for HPC applications
YR190-B8228-X2 ETC2-YR190-B8228-X2 Datasheet
562Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC applications
YR190-B7058-X2 ETC2-YR190-B7058-X2 Datasheet
563Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC and enterprise virtualization applications
FT48-B7025 ETC2-FT48-B7025 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
FT72-B7015 ETC2-FT72-B7015 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
GT24-B7067 ETC2-GT24-B7067 Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
GT24-B8226 ETC2-GT24-B8226 Datasheet
642Kb / 2P
   Best 1U dual-socket SMP server implementation with high power-efficiency and overall performance
S7056 ETC2-S7056 Datasheet
819Kb / 2P
   Dual-socket SMP server implmentation
S7077 ETC2-S7077 Datasheet
1Mb / 2P
   Cost-effective dual-socket Server/workstation implementation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com