Electronic Components Datasheet Search |
|
MBRF15HxxCT Datasheet(PDF) 1 Page - Vishay Siliconix |
|
MBRF15HxxCT Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page MBR15HxxCT, MBRF15HxxCT, MBRB15HxxCT www.vishay.com Vishay General Semiconductor Revision: 12-Jun-13 1 Document Number: 88782 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Dual Common Cathode Schottky Rectifier High Barrier Technology for Improved High Temperature Performance FEATURES • Power pack • Guardring for overvoltage protection • Low power loss, high efficiency • Low forward voltage drop • Low leakage current • High forward surge capability • High frequency operation • Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package) • Solder bath temperature 275 °C maximum, 10 s, per JESD 22-B106 (for TO-220AB and ITO-220AB package) • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, DC/DC converters, and polarity protection application. MECHANICAL DATA Case: TO-220AB, ITO-220AB, TO-263AB Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS-compliant, commercial grade Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum PRIMARY CHARACTERISTICS IF(AV) 2 x 7.5 A VRRM 35 V to 60 V IFSM 150 A VF 0.55 V, 0.61 V IR 50 μA TJ max. 175 °C Package TO-220AB, ITO-220AB, TO-263AB Diode variations Common cathode TO-263AB CASE PIN 2 PIN 1 PIN 3 TO-220AB MBR15HxxCT ITO-220AB MBRB15HxxCT PIN 1 PIN 2 K HEATSINK 1 2 3 1 2 K MBRF15HxxCT PIN 2 PIN 1 PIN 3 1 2 3 |
Similar Part No. - MBRF15HxxCT |
|
Similar Description - MBRF15HxxCT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |