Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB25HxxCT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRB25HxxCT
Description  Dual Common Cathode Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB25HxxCT Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRB25HxxCT Datasheet HTML 1Page - Vishay Siliconix MBRB25HxxCT Datasheet HTML 2Page - Vishay Siliconix MBRB25HxxCT Datasheet HTML 3Page - Vishay Siliconix MBRB25HxxCT Datasheet HTML 4Page - Vishay Siliconix MBRB25HxxCT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MBR25HxxCT, MBRF25HxxCT, MBRB25HxxCT
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jun-13
1
Document Number: 88789
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Common Cathode Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance
FEATURES
• Power pack
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s, per
JESD 22-B106 (for TO-220AB and ITO-220AB package)
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier of switching
mode
power
supplies,
freewheeling
diodes,
DC/DC
converters, or polarity protection application.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 15 A
VRRM
35 V to 60 V
IFSM
150 A
VF
0.54 V, 0.60 V
IR
100 μA
TJ max.
175 °C
Package
TO-220AB, ITO-220AB, TO-263AB
Diode variations
Common cathode
TO-263AB
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
MBR25HxxCT
ITO-220AB
MBRB25HxxCT
PIN 1
PIN 2
K
HEATSINK
1
2
3
1
2
K
MBRF25HxxCT
PIN 2
PIN 1
PIN 3
1
2
3
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR25H35CT
MBR25H45CT
MBR25H50CT
MBR25H60CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Working peak reverse voltage
VRWM
35
45
50
60
Maximum DC blocking voltage
VDC
35
45
50
60
Max. average forward
rectified current (fig. 1)
total device
IF(AV)
30
A
per diode
15
Non-repetitive avalanche energy per diode
at 25 °C, IAS = 4 A, L = 10 mH
EAS
80
mJ
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
150
A
Peak repetitive reverse surge current per diode
at tp = 2.0 μs, 1 kHz
IRRM
1.0
0.5
A
Peak non-repetitive reverse energy
(8/20 μs waveform)
ERSM
25
20
mJ


Similar Part No. - MBRB25HxxCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB25H35CT VISHAY-MBRB25H35CT Datasheet
95Kb / 3P
   Dual High-Voltage Schottky Rectifiers
7-May-03
MBRB25H35CT VISHAY-MBRB25H35CT Datasheet
160Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBRB25H35CT VISHAY-MBRB25H35CT Datasheet
138Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 18-Mar-10
logo
Kersemi Electronic Co.,...
MBRB25H35CT KERSEMI-MBRB25H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRB25H35CT KERSEMI-MBRB25H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
More results

Similar Description - MBRB25HxxCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com