Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3526 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG3526
Description  REGULATING PULSE WIDTH MODULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3526 Datasheet(HTML) 1 Page - Microsemi Corporation

  SG3526 Datasheet HTML 1Page - Microsemi Corporation SG3526 Datasheet HTML 2Page - Microsemi Corporation SG3526 Datasheet HTML 3Page - Microsemi Corporation SG3526 Datasheet HTML 4Page - Microsemi Corporation SG3526 Datasheet HTML 5Page - Microsemi Corporation SG3526 Datasheet HTML 6Page - Microsemi Corporation SG3526 Datasheet HTML 7Page - Microsemi Corporation SG3526 Datasheet HTML 8Page - Microsemi Corporation SG3526 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570
SG1526/SG2526/SG3526
REGULATING PULSE WIDTH MODULATOR
FEATURES
••••• 8 to 35 volt operation
••••• 5V reference trimmed to ±1%
••••• 1Hz to 350KHz oscillator range
••••• Dual 100mA source/sink outputs
••••• Digital current limiting
••••• Double pulse suppression
••••• Programmable deadtime
••••• Undervoltage lockout
••••• Single pulse metering
••••• Programmable soft-start
••••• Wide current limit common mode range
••••• TTL/CMOS compatible logic ports
••••• Symmetry correction capability
••••• Guaranteed 6 unit synchronization
HIGH RELIABILITY FEATURES - SG1526
♦ Available to MIL-STD-883B and DESC SMD
♦ Radiation data available
♦ LMI level "S"processing available
DESCRIPTION
The SG1526 is a high performance monolithic pulse width modulator
circuit designed for fixed-frequency switching regulators and other
power control applications. Included in an 18-pin dual-in-line package
are a temperature compensated voltage reference, sawtooth oscillator,
error amplifier, pulse width modulator, pulse metering and steering logic,
and two low impedance power drivers. Also included are protective
features such as soft-start and undervoltage lockout, digital current
limiting, double pulse inhibit, a data latch for single pulse metering,
adjustable deadtime, and provision for symmetry correction inputs. For
ease of interface, all digital control ports are TTL and B-series CMOS
compatible. Active LOW logic design allows wired-OR connections for
maximum flexibility. This versatile device can be used to implement
single-ended or push-pull switching regulators of either polarity, both
transformerless and transformer coupled. The SG1526 is characterized
for operation over the full military ambient junction temperature range of
-55°C to +150°C. The SG2526 is characterized for operation from -25°C
to +150°C, and the SG3526 is characterized for operation from 0°C to
+125°C.
+V
IN
To Internal
Circuitry
V
REF
METERING
F/F
TOGGLE
F/F
MEMORY
F/F
SYNC
R
D
R
T
C
T
GROUND
Oscillator
Reference
Regulator
Undervoltage
Lockout
Soft
Start
RESET
C
SOFTSTART
COMPENSATION
+ ERROR
— ERROR
+ C.S.
— C.S.
SHUTDOWN
S
D
S
T
Q
Q
Q
R
OUTPUT B
+V
C
OUTPUT A
BLOCK DIAGRAM
+V
IN
Amp
Q
Q


Similar Part No. - SG3526

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
SG3526 ONSEMI-SG3526 Datasheet
267Kb / 9P
   Pulse Width Modulation Control Circuit
July, 2006 ??Rev. 4
logo
Microsemi Corporation
SG3526 MICROSEMI-SG3526 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526B MICROSEMI-SG3526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG3526

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com