Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1P3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS1P3
Description  High Current Density Surface Mount Schottky Barrier Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1P3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS1P3_15 Datasheet HTML 1Page - Vishay Siliconix SS1P3_15 Datasheet HTML 2Page - Vishay Siliconix SS1P3_15 Datasheet HTML 3Page - Vishay Siliconix SS1P3_15 Datasheet HTML 4Page - Vishay Siliconix SS1P3_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS1P3, SS1P4
www.vishay.com
Vishay General Semiconductor
Revision: 13-Apr-15
1
Document Number: 88935
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
Schottky Barrier Rectifiers
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
Note
• These devices are not AEC-Q101 qualified
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
30 V, 40 V
IFSM
30 A
EAS
10 mJ
VF
0.40 V, 0.45 V
TJ max.
150 °C
Package
DO-220AA (SMP)
Diode variations
Single
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS1P3
SS1P4
UNIT
Device marking code
13
14
Maximum repetitive peak reverse voltage
VRRM
30
40
V
Maximum average forward rectified current (fig. 1)
IF(AV)
1.0
A
Peak forward surge current 10 ms single half sine-wave superimposed
on rated load
IFSM
30
A
Non-repetitive avalanche energy at TJ = 25 °C, IAS = 1.5 A, L = 10 mH
EAS
10
mJ
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - SS1P3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1P3 VISHAY-SS1P3_15 Datasheet
91Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 13-Apr-15
More results

Similar Description - SS1P3_15

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS10P30-60 BWTECH-SS10P30-60 Datasheet
197Kb / 3P
   High Current Density Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS5P3 VISHAY-SS5P3_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS5P5 VISHAY-SS5P5_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 28-Jun-11
SS10P3 VISHAY-SS10P3_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS5P3 VISHAY-SS5P3 Datasheet
105Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 22-Nov-07
SS1P3 VISHAY-SS1P3 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-May-08
SS5P9 VISHAY-SS5P9 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 29-Jul-08
SS8P2L VISHAY-SS8P2L Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
SS2P5 VISHAY-SS2P5_15 Datasheet
83Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P5 VISHAY-SS2P5_V01 Datasheet
101Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS5P3 VISHAY-SS5P3_V01 Datasheet
109Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com