Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2527A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG2527A
Description  REGULATING PULSE WIDTH MODULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2527A Datasheet(HTML) 3 Page - Microsemi Corporation

  SG2527A Datasheet HTML 1Page - Microsemi Corporation SG2527A Datasheet HTML 2Page - Microsemi Corporation SG2527A Datasheet HTML 3Page - Microsemi Corporation SG2527A Datasheet HTML 4Page - Microsemi Corporation SG2527A Datasheet HTML 5Page - Microsemi Corporation SG2527A Datasheet HTML 6Page - Microsemi Corporation SG2527A Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SG1525A/SG1527A SERIES
11/91 Rev 1.3 10/96
LINFINITY Microelectronics Inc.
Copyright
© 1996
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
18
17
6
Output Drivers Section (each transistor, V
C = 20V)
I
SOURCE = 20mA
I
SOURCE = 100mA
I
SINK = 20mA
I
SINK = 100mA
V
COMP and V SS = High
V
C = 35V
C
L = 1nF, TJ = 25°C
C
L = 1nF, TJ = 25°C
V
SD = 3V, CS = 0, TJ = 25°C
Output High Level
Output Low Level
Undervoltage Lockout
Collector Leakage (Note 5)
Rise Time
Fall Time
Shutdown Delay (Note 3)
50
0.4
0.4
25
Soft-Start Section
V
SHUTDOWN = 0V
V
SHUTDOWN = 2V
V
SHUTDOWN = 2.5V
Soft Start Current
Soft Start Voltage
Shutdown Input Current
µA
V
mA
P.W.M. Comparator Section
V
COMP = 0.6V
V
COMP = 3.6V
Zero Duty Cycle
Maximum Duty Cycle
Minimum Duty Cycle
Maximum Duty Cycle
Input Threshold (Note 4)
Input Bias Current
%
%
V
V
µA
0.4
2.2
8
200
600
300
0.5
19
18
0.2
1.0
7
100
50
0.2
37.6
350
1.7
3.0
0.3
1.2
Oscillator Section (Note 4)
T
J = 25°C
V
IN = 8V to 35V
MIN
≤ T
J ≤ MAX
R
T = 150KΩ, CT = 0.1µF
R
T = 2KΩ, CT = 1nF
I
RT = 2mA
T
J = 25°C
Sync Voltage = 3.5V
Initial Accuracy
Voltage Stability
Temperature Stability (Note 3)
Minimum Frequency (Note 3)
Maximum Frequency (Note 3)
Current Mirror
Clock Amplitude
Clock Width
Sync Threshold
Sync Input Current
Min. Typ. Max. Min. Typ. Max.
SG3525A
SG3527A
SG1525A/2525A
SG1527A/2527A
Units
Test Conditions
Parameter
ELECTRICAL CHARACTERISTICS (continued)
KHz
%
%
Hz
KHz
mA
V
µs
V
mA
42.4
±2
±6
150
2.2
1.0
2.8
2.5
40
±1
±3
2.0
3.5
0.5
2.0
1.0
37.6
350
1.7
3.0
0.3
1.2
42.4
±1
±6
150
2.2
1.0
2.8
2.5
40
±0.3
±3
2.0
3.5
0.5
2.0
1.0
Error Amplifier Section (V
CM = 5.1V)
Input Offset Voltage
Input Bias Current
Input Offset Current
DC Open Loop Gain
Gain-Bandwidth Product (Note 3)
Output Low Level
Output High Level
Common Mode Rejection
Supply Voltage Rejection
R
L ≥10MΩ, TJ = 25°C
A
V = 0dB, TJ = 25°C
V
CM = 1.5V to 5.2V
V
IN = 8V to 35V
60
1
3.8
60
50
0.5
1
75
2
0.2
5.6
75
60
5
10
1
0.5
60
1
3.8
60
50
2
1
75
2
0.2
5.6
75
60
10
10
1
0.5
mV
µA
µA
dB
MHz
V
V
dB
dB
45
0.6
0
3.6
2.0
49
0.9
3.3
.05
45
0.6
0
3.6
2.0
49
0.9
3.3
.05
80
0.6
1.0
25
50
0.4
0.4
80
0.6
1.0
19
18
0.2
1.0
7
100
50
0.2
18
17
6
0.4
2.2
8
200
600
300
0.5
V
V
V
V
V
µA
ns
ns
µs
Total Standby Current
Standby Current
V
IN = 35V
mA
20
14
20
14


Similar Part No. - SG2527A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2527A MICROSEMI-SG2527A Datasheet
241Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG2527ADW MICROSEMI-SG2527ADW Datasheet
241Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG2527AJ MICROSEMI-SG2527AJ Datasheet
241Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG2527AN MICROSEMI-SG2527AN Datasheet
241Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG2527A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com