Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTSA0WF104FN6A0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NTSA0WF104FN6A0
Description  taping type is available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTSA0WF104FN6A0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NTSA0WF104FN6A0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTSA0WF104FN6A0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTSA0WF104FN6A0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NTSA0WF104FN6A0
Specifications
Resistance
(25
)
100kΩ
Resistance Value Tolerance (at
25
)
±1%
B-Constant
(25/50
)
4250K
B-Constant
(25/50
) Tolerance
±1%
B-Constant
(25/80
) (Reference
Value)
4303K
B-Constant
(25/85
) (Reference
Value)
4311K
B-Constant
(25/100
) (Reference
Value)
4334K
Permissive Operating Current
(25
)
0.14mA
Rated Electric Power
(25
)
15mW
Typical Dissipation Constant
(25
)
1.5mW/
Thermal Time Constant
7s
Operating Temperature Range
-
40
to
125
Lead Shape
Lead Wire type
Shape
Lead
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/09


Similar Part No. - NTSA0WF104FN6A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTSA0WF104FN6A0 MURATA1-NTSA0WF104FN6A0 Datasheet
269Kb / 3P
   NTC for Temperature Sensor
12/05/2022
NTSA0WF104FN6A0 MURATA1-NTSA0WF104FN6A0 Datasheet
311Kb / 3P
   NTC for Temperature Sensor
01/30/2024
NTSA0WF104FN6A0 MURATA1-NTSA0WF104FN6A0_V01 Datasheet
269Kb / 3P
   NTC for Temperature Sensor
12/05/2022
NTSA0WF104FN6A0 MURATA1-NTSA0WF104FN6A0_V02 Datasheet
311Kb / 3P
   NTC for Temperature Sensor
01/30/2024
More results

Similar Description - NTSA0WF104FN6A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTSA0XV103EN6A0 MURATA-NTSA0XV103EN6A0 Datasheet
185Kb / 3P
   taping type is available
NTSA0WB203EN6A0 MURATA-NTSA0WB203EN6A0 Datasheet
182Kb / 3P
   taping type is available
NTSA0WC303EN6A0 MURATA-NTSA0WC303EN6A0 Datasheet
182Kb / 3P
   taping type is available
NTSA0WD503EN6A0 MURATA-NTSA0WD503EN6A0 Datasheet
182Kb / 3P
   taping type is available
NTSA0XM202EE1B0 MURATA-NTSA0XM202EE1B0 Datasheet
183Kb / 3P
   taping type is available
NTSA0XM202EN6A0 MURATA-NTSA0XM202EN6A0 Datasheet
185Kb / 3P
   taping type is available
NTSA0XV103FN6A0 MURATA-NTSA0XV103FN6A0 Datasheet
183Kb / 3P
   taping type is available
NTSA0XM202FN6A0 MURATA-NTSA0XM202FN6A0 Datasheet
183Kb / 3P
   taping type is available
NTSA0XM202FE1B0 MURATA-NTSA0XM202FE1B0 Datasheet
183Kb / 3P
   taping type is available
NTSA0WF104EN6A0 MURATA-NTSA0WF104EN6A0 Datasheet
182Kb / 3P
   taping type is available
NTSA0WC303EE1B0 MURATA-NTSA0WC303EE1B0 Datasheet
182Kb / 3P
   taping type is available
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com