Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTSD0WD503EE1B0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NTSD0WD503EE1B0
Description  electric insulation on lead wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTSD0WD503EE1B0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NTSD0WD503EE1B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTSD0WD503EE1B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTSD0WD503EE1B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NTSD0WD503EE1B0
Specifications
Resistance
(25
)
50kΩ
Resistance Value Tolerance (at
25
)
±3%
B-Constant
(25/50
)
4150K
B-Constant
(25/50
) Tolerance
±1%
B-Constant
(25/80
) (Reference
Value)
4205K
B-Constant
(25/85
) (Reference
Value)
4213K
B-Constant
(25/100
) (Reference
Value)
4234K
Permissive Operating Current
(25
)
0.2mA
Rated Electric Power
(25
)
15mW
Typical Dissipation Constant
(25
)
1.5mW/
Thermal Time Constant
7s
Operating Temperature Range
-
40
to
125
Lead Shape
Insulation type
Shape
Lead
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/09


Similar Part No. - NTSD0WD503EE1B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTSD0WD503EE1B0 MURATA1-NTSD0WD503EE1B0 Datasheet
237Kb / 3P
   NTC for Temperature Sensor
12/05/2022
NTSD0WD503EE1B0 MURATA1-NTSD0WD503EE1B0 Datasheet
279Kb / 3P
   NTC for Temperature Sensor
01/30/2024
NTSD0WD503EE1B0 MURATA1-NTSD0WD503EE1B0_V01 Datasheet
237Kb / 3P
   NTC for Temperature Sensor
12/05/2022
NTSD0WD503EE1B0 MURATA1-NTSD0WD503EE1B0_V02 Datasheet
279Kb / 3P
   NTC for Temperature Sensor
01/30/2024
More results

Similar Description - NTSD0WD503EE1B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTSD0WC303EE1B0 MURATA-NTSD0WC303EE1B0 Datasheet
186Kb / 3P
   electric insulation on lead wire
NTSD1XH103FPB30 MURATA-NTSD1XH103FPB30 Datasheet
189Kb / 3P
   electric insulation on lead wire
NTSD1XH103FPB50 MURATA-NTSD1XH103FPB50 Datasheet
184Kb / 3P
   electric insulation on lead wire
NTSD0WC303FE1B0 MURATA-NTSD0WC303FE1B0 Datasheet
184Kb / 3P
   electric insulation on lead wire
NTSD0WD503FE1B0 MURATA-NTSD0WD503FE1B0 Datasheet
182Kb / 3P
   electric insulation on lead wire
NTSD0XH103FE1B0 MURATA-NTSD0XH103FE1B0 Datasheet
182Kb / 3P
   electric insulation on lead wire
NTSD1WC303FPB30 MURATA-NTSD1WC303FPB30 Datasheet
187Kb / 3P
   electric insulation on lead wire
NTSD1WD503FPB50 MURATA-NTSD1WD503FPB50 Datasheet
186Kb / 3P
   electric insulation on lead wire
NTSD1WF104FPB40 MURATA-NTSD1WF104FPB40 Datasheet
189Kb / 3P
   electric insulation on lead wire
NTSD1WD503FPB30 MURATA-NTSD1WD503FPB30 Datasheet
189Kb / 3P
   electric insulation on lead wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com