Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2526N Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG2526N
Description  REGULATING PULSE WIDTH MODULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2526N Datasheet(HTML) 3 Page - Microsemi Corporation

  SG2526N Datasheet HTML 1Page - Microsemi Corporation SG2526N Datasheet HTML 2Page - Microsemi Corporation SG2526N Datasheet HTML 3Page - Microsemi Corporation SG2526N Datasheet HTML 4Page - Microsemi Corporation SG2526N Datasheet HTML 5Page - Microsemi Corporation SG2526N Datasheet HTML 6Page - Microsemi Corporation SG2526N Datasheet HTML 7Page - Microsemi Corporation SG2526N Datasheet HTML 8Page - Microsemi Corporation SG2526N Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
SG1526/SG2526/SG3526
I
SOURCE = 20mA
I
SOURCE = 100mA
I
SINK = 20mA
I
SINK = 100mA
V
C = 40V
C
L = 1000pF
C
L = 1000pF
HIGH Output Voltage
LOW Output Voltage
Collector Leakage
Rise Time
Fall Time
12.5
12
13.5
13
0.2
1.2
50
0.3
0.1
RESET = 0.4V
RESET = 2.4V
Error Clamp Voltage
C
S Charging Current
50
0.1
100
Minimum Duty Cycle
Maximum Duty Cycle
V
COMPENSATION = 0.4V
V
COMPENSATION = 3.6V
45
49
0
R
S ≤ 2KΩ
R
L ≥ 10MΩ, TJ = 25°C
V
PIN1 - VPIN2 ≥ 150mV, ISOURCE = 100µA
V
PIN2 - VPIN1 ≥ 150mV, ISINK = 100µA
R
S ≤ 2KΩ
V
IN = 8V to 35V
mV
nA
nA
dB
V
V
dB
dB
10
-2000
200
0.4
Input Offset Voltage
Input Bias Current
Input Offset Current
DC Open Loop Gain
High Output Voltage
Low Output Voltage
Common Mode Rejection
Supply Voltage Rejection
Current Limit Comparator Section (Note 6)
R
S ≤ 50Ω,
T
J = 25°CmV
µA
90
100
-3
110
-10
I
SOURCE = 40 µA
I
SINK = 3.6mA
V
IH = 2.4V
V
IL = 0.4V
V
V
µA
µA
2.4
4
0.2
-125
-225
0.4
-300
-500
Oscillator Section (Note 4)
T
J = 25°C
V
IN = 8 to 35V
Over Operating T
J
R
T = 150KΩ, CT = 20µF
R
T = 2KΩ, CT = 1.0nF
V
IN = 35V
V
IN = 8V
Initial Accuracy
Voltage Stability
Temperature Stability (Note 9)
Minimum Frequency (Note 9)
Maximum Frequency
Sawtooth Peak Voltage
Sawtooth Valley Voltage
SG3526
Test Conditions
Parameter
Units
ELECTRICAL CHARACTERISTICS (continued)
350
0.5
±3
0.5
7
3.0
1.0
SG1526/2526
Error Amplifier Section (Note 5)
Min. Typ. Max. Min. Typ. Max.
±8
1.0
10
1.0
3.5
350
0.5
±3
0.5
5
3.0
1.0
±8
1.0
10
1.0
3.5
%
%
%
Hz
KHz
V
V
64
3.6
70
66
2
-350
35
72
4.2
0.2
94
80
5
-1000
100
0.4
60
3.6
70
66
2
-350
35
72
4.2
0.2
94
80
PWM Comparator Section (Note 4)
45
49
0%
%
Digital Ports (SYNC, SHUTDOWN, and RESET)
HIGH Output Voltage
LOW Output Voltage
HIGH Input Current
LOW Input Current
2.4
4
0.2
-125
-225
0.4
-300
-500
Sense Voltage
Input Bias Current
80
100
-3
120
-10
Soft-Start Section
0.4
200
50
0.1
100
0.4
200
V
µA
Output Drivers (each output) (Note 7)
0.3
2
150
0.6
0.2
12.5
12
13.5
13
0.2
1.2
50
0.3
0.1
0.3
2
150
0.6
0.2
V
V
V
V
µA
µs
µs
Power Consumption Section (Note 8)
SHUTDOWN = 0.4V
Standby Current
18
30
18
30
mA
Note 3. I
L = 0mA
Note 4. F
OSC
= 40KHz (R
T
= 4.12K
Ω ±1%, C
T
= .01
µF ±1%, R
D
= 0
Ω)
Note 5. V
CM = 0 to 5.2V
Note 6. V
CM = 0 to 12V
Note 7. V
C = 15V
Note 8. V
IN
= 35V
Note 9. These parameters, although guaranteed over the recom-
mended operating conditions, are not tested in production.


Similar Part No. - SG2526N

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2526N MICROSEMI-SG2526N Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG2526N

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com