Selected language     English  â–Ľ


F-302U Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. F-302U
Description  CHASSIS MOUNT : Autotransformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Autotransformer
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: May 11, 2015
B
D
E
C
A
WHT
BLK
0V
115 V
277 V
RED
F-302U
Electrical Specifications (@25ÂşC)
1. Maximum Power:
150 VA
2. Input Voltage:
277 V,
60 Hz only
3. Output Voltage
115V,
+ 5% at full load
4. Full Secondary Load
1.3 Amps RMS
Construction:
Single winding on a double wall, nylon bobbin. Three leads exit the
transformer, the black lead is the tap.
Description:
Secondary coil is a fraction of the entire winding for voltage step-down.
This causes part of the power to be transferred conductively through the
windings, rather than all of the power being transferred by induction.
Safety:
These units are designed with 1500V isolation between the winding and the
core. Materials and construction are rated for Class B insulation system.
E50476
Dimensions:
Unit: In inches
Mtg Slots: .203X.375 (4)
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is co
nsidered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.
A
B
C
D
E
3.375
1.0
2.812
2.00
2.812




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl