Selected language     English  ▼


F-361U Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. F-361U
Description  Chassis Mount: Universal
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
Chassis Mount: Universal
460 Harley Knox Blvd.
Perris, California
92571Web:
www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California 92571
Publish Date: December 4, 2013
F-361U
Electrical Specifications (@25C)
1. Maximum Power: 108 VA Max
2. Primary: 115/230V @ 50/60 Hz
3. Secondaries: 0-24/27/30/33/36V @ 3 Amps
Description:
The F-361U is a chassis mount power transformer that was designed with multiple
secondaries to give the user maximum flexibility.
Safety:
These products are 100% hi-pot tested with an insulation of 1500V between
primary and secondary windings as well as between the primary / secondary
windings and the core.
Dimensions:
Units: inches
H
W
D
MW
MD
3.75
3.125
3.25
2.50
2.625
Weight:
5.65 lbs
Connections:
Primary – 22AWG, UL 1015, 7.0” ± 1.0”, Skin & Tin: ¼” ± 1/16
Secondary - 18AWG, UL 1015, 7.0” ± 1.0”, Skin & Tin: ¼” ± 1/16
For Input (115V): BLK and RED/BLK to YEL/BLK and BLK/GRN
For Input (230V): BLK to BLK GRN, Tie YEL/BLK to RED/BLK
YEL
GRN/YEL
GRN
BLK/WHT
BLU
RED
0V
24 V
27 V
30 V
33 V
36 V
@ 3.0 ARMS
YEL/BLK
RED/BLK
BLK/GRN
BLK
115/230 V
50/60 HZ
Technical note: Primary windings are designed to be connected in series or parallel.
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website
for the most current version.
BLK/GRN
RED/BLK
YEL/BLK
BLK
2.500
+/-.030
.203 X .375
SLOTS
4 PLACES
F-361U
2.625
+/-.060
3.750
REF
BLK/WHT
GRN
YEL
RED
BLU
GRN/YEL
3.125
REF
SECONDARY




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl