Selected language     English  ▼


N-1X Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. N-1X
Description  CHASSIS MOUNT : Autotransformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Autotransformer
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
B
D
A
C
BLK
BLK/RED
RED
OV
115V
230V
N-1X
Electrical Specifications (@25ºC)
1. Maximum Power:
50 VA
2. Input Voltage:
230 V, 50 / 60 Hz
3. Output Voltage:
115V + 5%
4. Full Secondary Load: 0.87 Amps RMS
Construction:
Single winding on a double wall, nylon bobbin.
This chassis mount design
comes in a channel frame with .187” diameter holes in the mounting ears.
Description:
Secondary coil is a fraction of the entire winding for voltage step-down.
This causes part of the power to be transferred conductively through the
windings, rather than all of the power being transferred by induction.
Safety:
These units are designed with 1500V isolation between the winding and the
core. Materials and construction are rated for Class B insulation system.
Dimensions:
Unit: In inches
Weight: 1.5 lbs
Connections: 7.0±1” leads, 0.250±0.062” Skin & Tin
Schematic:
For 230V input: Blk to Red
For 115 output: Blk to Blk/Red
RoHS Compliance: As of manufacturing date February 2005, all standard products
meet the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.
A
B
C
D
2.281
3.687
2.00
3.125




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl