Electronic Components Datasheet Search
Selected language     English  â–Œ


N-2X Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. N-2X
Description  CHASSIS MOUNT : Autotransformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Autotransformer
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: May 11, 2015
2 HOLES
3.562
+/-.030
4.0
R E F
1.93
R E F
.187 DIA.
R E D
BLK
W H T
N-2X
2.562
R E F
N-2X
Electrical Specifications (@25ÂșC)
1. Maximum Power:
100 VA
2. Input Voltage:
230 V,
50 / 60 Hz
3. Output Voltage
115V,
+ 5%
4. Full Secondary Load
0.87 Amps RMS
5. Temperature Rise: 60C TYP ( 85C MAX allowed)
from 25Âș C, Ambient
Construction:
Single winding on a double wall, nylon bobbin.
This chassis mount design
comes in a channel frame with .187” diameter holes in the mounting ears.
Three leads exit the transformer, the black lead is the tap.
Description:
Secondary coil is a fraction of the entire winding for voltage step-down.
This causes part of the power to be transferred conductively through the
windings, rather than all of the power being transferred by induction.
Safety:
These units are designed with 1500V isolation between the winding and the
core. Materials and construction are rated for Class B insulation system.
E50476
A. Dimensions:
Unit: In inches
B.
Lead Connections:
Red
Primary (230V)
Wht
to Red
Black
Secondary (115V) Wht
to Black
White
C.
Weight : 2.1 lbs
RoHS Compliance: As of manufacturing date February 2005, all standard products
meet the requirements of 2011/65/EU, known as the RoHS initiative.
*
Upon printing,this document is considered”uncontrolled”.Please contact
Triad Magnetics
’ website for the most current version.
H
W
D
A
B
C
T
MW
ML
2.562
4.0
1.93
2-5/16
1-1/8
5/16
3/16
3.562
-




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl