Selected language     English  â–Ľ


N-4MG Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. N-4MG
Description  CHASSIS MOUNT : Autotransformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Autotransformer
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
GRN
GRN
BLK
WHT
T1
T2
FN
115 V
230 V
ST
A
D
B
C
E
N-4MG
Electrical Specifications (@25ÂşC)
1. Maximum Power:
150 VA
2. Input Voltage:
230 V, 50 / 60 Hz
3. Output Voltage:
115V + 5%
4. Full Secondary Load: 1.30 Amps RMS
Description:
The N-4MG is part of the line of Auto-Transformers that are single winding
transformers in which the secondary coil is a fraction of the entire winding for
voltage step-down. This causes part of the power to be transferred
conductively through the windings, rather than all of the power being
transferred by induction.
Safety:
These units are designed with 1500V isolation between the winding and the
core. Materials and construction are rated for Class B insulation system.
Dimensions:
Unit: In inches
Weight: 4.7 lbs
Mounting Holes: .203 x .375
Cord: 6 ft. long, Plug NEMA 6-15P, Socket NEMA 5-15P
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing,
this document is considered “uncontrolled”. Please contact
Triad Magnetics
’ website for the most current version.
A
B
C
D
E
3.593
2.968
4.250
2.250
2.875




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl