Electronic Components Datasheet Search
Selected language     English  ▼


N-6U Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. N-6U
Description  CHASSIS MOUNT : Autotransformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Autotransformer
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: May 11, 2015
A
RED
BLK
WHT
B
E
D
C
WHT
BLK
0V
115 V
230 V
RE D
N-6U
Electrical Specifications (@25°C)
1. Maximum Power:
200 VA
2. Input Voltage:
230 V, 50 / 60 Hz
3. Output Voltage:
115V + 5%
4. Full Secondary Load: 1.70 Amps RMS
Description:
The N-6U is part of the line of Auto-Transformers that are single winding
transformers in which the secondary coil is a fraction of the entire winding for
voltage step-down. This causes part of the power to be transferred
conductively through the windings, rather than all of the power being
transferred by induction.
Safety:
These units are designed with 1500V isolation between the winding and the
core. Materials and construction are rated for Class B insulation system.
Dimensions:
Unit: In inches
Weight: 3.60 lbs
Mounting Holes: 0.203 x 0.375
Connections:
7.0±1” leads, 0.250±0.062” Skin & Tin
Schematic:
For 230V input: Wht to Red
For 115 output: Wht to Blk
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing,
this document is considered “uncontrolled”. Please contact
Triad Magnetics
’ website for the most current version.
A
B
C
D
E
3.375
2.812
2.812
2.250
2.250




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl