Selected language     English  ▼


N-68X Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. N-68X
Description  CHASSIS MOUNT : Isolation
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Isolation
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
A
B
C
D
BLK
RE D/B LK
RED
RED
115V
115 V
WHITE
YEL/BLK
GRN/BLK
ST. SH.
115V
@ .435
N-68X
Electrical Specifications (@25°C)
1. Maximum Power:
50 VA
2. Input Voltage:
Parallel: 115V@50/60Hz
Series: 230V@50/60Hz
3. Output Voltage:
115V + 5%
4. Full Secondary Load: 0.435 Amps RMS
5. Voltage Regulation: 15 % TYP @ full load to no load
Description:
The N-68X is power transformer for isolating equipment from direct connection to the
power line. It is constructed with nonconcentrically wound coils. The primary and
secondary are wound on separate arbors, then assembled on a laminate core
side-by-side separated by insulation. This prevents electrical connection under
normal or overload conditions between the primary and secondary windings.
Safety:
These units are designed with 1500V isolation between winding to winding and
between winding and core. Materials and construction are rated for Class B
insulation system.
A. Dimensions:
Unit: In inches
Weight: 1.7 Lbs.
Mounting Holes: .187 Dia. X 2
Connections: 7.0±1” leads, 0.250±0.062” Skin & Tin
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products
meet the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is conside
red “uncontrolled”. Please contact
Triad Magnetics
’ website for the most current version.
A
B
C
D
3.813
3.125
2.250
2.313




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl