Selected language     English  ▼


N-76U Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. N-76U
Description  CHASSIS MOUNT : Isolation
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Isolation
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: May 11, 2015
N-76U
Electrical Specifications (@25°C)
1. Maximum Power:
100 VA
2. Input Voltage:
115V@50/60Hz
3. Output Voltage:
115V4. Full Secondary Load:
0.86Amps RMS
5. Voltage Regulation:
9% TYP @ full load to no load
Description:
The N-76U is power transformer for isolating equipment from direct connection to the
power line. This prevents electrical connection under normal or overload conditions
between the primary and secondary windings.
Safety:
These units are designed with 1500V isolation between winding to winding and
between winding and core. Materials and construction are rated for Class B (130°C)
insulation system.
Dimensions:
Unit: In inches
Weight: 4.0 Lbs.
Mounting Holes:
0.203 x 0.375”
Connections: 7.
0±1” leads, 0.250±0.062” Skin & Tin
Schematic:
INPUT: BLK to BLK
OUTPUT: RED to RED
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the
requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is conside
red “uncontrolled”. Please contact Triad Magnetics’
website for the most current version.
A
B
C
D
E
3.437
2.812
3.00
2.25
2.50
D
E
B
RED
RED
BL K
BLK
A
C
115 V
0.87 A
115V
50/60 HZ
BLK
BLK
RED
RED




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl