Selected language     English  ▼


N-77U Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. N-77U
Description  CHASSIS MOUNT : Isolation
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Isolation
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: February 11, 2015
N-77U
Electrical Specifications (@25°C)
1. Maximum Power:
100 VA
2. Input Voltage:
Series: 230VAC, 50/60Hz; Parallel: 115V, 50/60Hz
3. Output Voltage:
115V @ Full Secondary Load:
0.86Amps RMS
5. Voltage Regulation:
9% TYP @ full load to no load
Description:
The N-77U is power transformer for isolating equipment from direct connection to the
power line. This prevents electrical connection under normal or overload conditions
between the primary and secondary windings.
Safety:
These units are designed with 1500V isolation between winding to winding and
between winding and core. Materials and construction are rated for Class B (130°C)
insulation system.
UL: E50476 (Insulation system), B10
Dimensions:
Unit: In inches
Weight: 4.0 Lbs.
Mounting Holes:
0.203 x 0.375”
Connections: UL1015, 22AWG, 7.
0±1” leads, 0.250±0.062” Skin & Tin
Schematic:
INPUT:
115VAC (Parallel)
– Short BLK to BLK/GRN, Short BLK/YEL to
BLK/RED. Apply voltage accros BLK and BLK/RED.
230VAC (Series)
– Short BLK/YEL to BLK/GRN. Apply voltage
across BLK and BLK/RED
OUTPUT: RED to RED
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the
requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is conside
red “uncontrolled”. Please contact Triad Magnetics’ website for the
most current version.
A
B
C
D
E
3.375
2.812
3.10
2.25±.030
2.50±.060
115 V
0.87 A
115/230 V
50/60 HZ
BLK
BLK/YEL
BLK/GRN
BLK/RED
O
O
RED
RED
N-77U
RED
RED
BLK
BLK/YEL
BLK/GRN
BLK/RED
D
B
A
C
E




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl