Selected language     English  â–Ľ


N-90MD Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. N-90MD
Description  CHASSIS MOUNT : Isolation Medical
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Isolation Medical
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
GRN
GRN
BLK
WHT
115 V
115 V
50/60 Hz
BLK
WHT
PS
PF
SS
SF
C
A
E
D
B
3.5 AMP
PRIMARY
OVERCURRENT
CIRCUIT
BREAKER
N-90MD
Electrical Specifications (@25°C)
1. Maximum Power:
250 VA
2. Input Voltage:
115 V, 50 / 60 Hz
3. Output Voltage:
115V + 5%
4. Full Secondary Load:
2.17 Amps RMS
5. Voltage Regulation:
5 % TYP @ full load to no load
6. Leakage Current:
<50µA between primary and secondary*
Description:
The N-90MD is power transformer for isolating equipment from direct connection to
the power line. It is designed and constructed to meet the low leakage current
requirements for today’s medical equipment. The primary and secondary are wound
on separate arbors, then assembled on a laminate core side-by-side separated by
insulation. This prevents electrical connection under normal or overload conditions
between the primary and secondary windings. This hospital type unit is offered with a
resettable circuit breaker, providing protection from overload or short circuit
conditions.
Safety:
These units are designed with 1500V isolation between winding to winding and
between winding and core. Materials and construction are rated for Class B
insulation system.
UL 544 File: E10290†
Dimensions:
Unit: In inches
Weight: 11.9.0 lbs
Mounting Holes: .375 x .187
Connections: 6 ft. long cord, 5-15P NEMA Plug, 5-15R NEMA Receptacle
Schematic:
* Leakage current between primary and secondary is typically measured at less than 10µA.
† UL listing is only valid on parts produced on or before December 31, 2009. Parts will carry a
date code of “0952” or earlier.
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the requirements
of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for
the most current version.
A
B
C
D
E
4.625
3.875
6.125
3.00
4.937




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl