Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16DXV6T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BAS16DXV6T1G
Description  Dual Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16DXV6T1G Datasheet(HTML) 3 Page - ON Semiconductor

  BAS16DXV6T1G Datasheet HTML 1Page - ON Semiconductor BAS16DXV6T1G Datasheet HTML 2Page - ON Semiconductor BAS16DXV6T1G Datasheet HTML 3Page - ON Semiconductor BAS16DXV6T1G Datasheet HTML 4Page - ON Semiconductor BAS16DXV6T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS16DXV6
www.onsemi.com
3
Figure 1. Reverse Recovery Time Equivalent Test Circuit
Figure 2. Stored Charge Equivalent Test Circuit
Figure 3. Forward Recovery Voltage Equivalent Test Circuit
VF
1 ns MAX
90%
10%
t
100 ns
tif
trr
Irr
500
W
DUT
50
W
DUTY CYCLE = 2%
Vf
90%
10%
20 ns MAX
t
400 ns
VC
VCM
t
VCM +
Qa
C
500
W DUT
BAW62
D1
243 pF
100 K
W
DUTY CYCLE = 2%
V
120 ns
t
2 ns MAX
10%
90%
V
Vfr
1 K
W
450
W
50
W
DUT
DUTY CYCLE = 2%
OSCILLOSCOPE
R
. 10 MW
C
3 7 pF


Similar Part No. - BAS16DXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16DXV6T1G ONSEMI-BAS16DXV6T1G Datasheet
61Kb / 6P
   Dual Switching Diode
November, 2005 ??Rev. 2
BAS16DXV6T1G ONSEMI-BAS16DXV6T1G Datasheet
143Kb / 5P
   Dual Switching Diode
October, 2011 ??Rev. 3
More results

Similar Description - BAS16DXV6T1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
November, 2001 ??Rev. 2
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
   Dual Switching Diode
April, 2016 ??Rev. 5
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
   DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
   Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
   Dual Switching Diode
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAV70TT1 ONSEMI-BAV70TT1 Datasheet
59Kb / 6P
   Dual Switching Diode
December, 2003 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
ON Semiconductor
BAV70TT1G ONSEMI-BAV70TT1G Datasheet
132Kb / 5P
   Dual Switching Diode
October, 2010 -- Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com