Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD7383 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESD7383
Description  USB-OTG 3-Line Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7383 Datasheet(HTML) 1 Page - ON Semiconductor

  ESD7383 Datasheet HTML 1Page - ON Semiconductor ESD7383 Datasheet HTML 2Page - ON Semiconductor ESD7383 Datasheet HTML 3Page - ON Semiconductor ESD7383 Datasheet HTML 4Page - ON Semiconductor ESD7383 Datasheet HTML 5Page - ON Semiconductor ESD7383 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
September, 2011 − Rev. 0
1
Publication Order Number:
EMD7383/D
ESD7383
USB-OTG 3-Line Protection
Product Description
The ESD7383 is a 4−bump very low capacitance ESD protection
device in 0.4 mm CSP form factor. It is fully compliant with IEC
61000−4−2.The ESD7383 is RoHS II compliant.
Features
These Devices are Pb−Free and are RoHS Compliant
Applications
ESD protection for USB (including USB OTG)
USB compliance
High Speed USB port
Up to 480 Mb/s according to USB 2.0 high speed specification
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation, 8 x 20 ms
Ppk
50
W
Maximum Peak Pulse Current, 8 x 20 ms
IPP
2.5
A
Operating Junction Temperature Range
TJ
−40 to +85
°C
Storage Temperature Range
Tstg
−55 to +150
°C
IEC 61000−4−2 Contact (ESD)
ESD
±8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
WLCSP4
CASE 567CB
MARKING
DIAGRAM
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
PINOUT
7 = Specific Device Code
M = Date Code
7M
B1
A1
B2
A2
BOTTOM VIEW
ELECTRICAL SCHEMATIC
CH2 (B1)
CH1 (A1)
CH3 (B2)
GND (A2)
B
A
12
Pin
Description
A1
ESD Channel 1
A2
Device Ground
B1
ESD Channel 2
B2
ESD Channel 3
PIN DESCRIPTIONS


Similar Part No. - ESD7383

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7381 ONSEMI-ESD7381 Datasheet
98Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
ESD7381MUT5G ONSEMI-ESD7381MUT5G Datasheet
140Kb / 5P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
July, 2012 ??Rev. 2
ESD7381MUT5G ONSEMI-ESD7381MUT5G Datasheet
98Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
ESD7382 ONSEMI-ESD7382 Datasheet
108Kb / 6P
   ESD Protection Diodes
January, 2017 ??Rev. 2
ESD7382MUT5G ONSEMI-ESD7382MUT5G Datasheet
108Kb / 6P
   ESD Protection Diodes
January, 2017 ??Rev. 2
More results

Similar Description - ESD7383

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUSBM5V5X4-TL NXP-PUSBM5V5X4-TL Datasheet
531Kb / 10P
   High-speed USB OTG ESD protection diode arrays
Rev. 3-14 June 2012
PUSBMXX4-TL PHILIPS-PUSBMXX4-TL_15 Datasheet
531Kb / 10P
   High-speed USB OTG ESD protection diode arrays
Rev. 3-14 June 2012
PUSBM12VX4-TL PHILIPS-PUSBM12VX4-TL Datasheet
531Kb / 10P
   High-speed USB OTG ESD protection diode arrays
Rev. 3-14 June 2012
logo
Nexperia B.V. All right...
PUSBMXX4-TL NEXPERIA-PUSBMXX4-TL Datasheet
785Kb / 11P
   High-speed USB OTG ESD protection diode arrays
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555 MICREL-MIC2555_06 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
logo
STMicroelectronics
USBULC6-3F3K STMICROELECTRONICS-USBULC6-3F3K Datasheet
262Kb / 10P
   3-line low capacitance protection for high speed USB
March 2014 Rev 1
logo
Vishay Siliconix
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
163Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
Rev. 1.3, 23-May-11
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
01-Jan-2022
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com