Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZESD7361HT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SZESD7361HT1G
Description  ESD Protection Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZESD7361HT1G Datasheet(HTML) 3 Page - ON Semiconductor

  SZESD7361HT1G Datasheet HTML 1Page - ON Semiconductor SZESD7361HT1G Datasheet HTML 2Page - ON Semiconductor SZESD7361HT1G Datasheet HTML 3Page - ON Semiconductor SZESD7361HT1G Datasheet HTML 4Page - ON Semiconductor SZESD7361HT1G Datasheet HTML 5Page - ON Semiconductor SZESD7361HT1G Datasheet HTML 6Page - ON Semiconductor SZESD7361HT1G Datasheet HTML 7Page - ON Semiconductor SZESD7361HT1G Datasheet HTML 8Page - ON Semiconductor SZESD7361HT1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ESD7361, SZESD7361
www.onsemi.com
3
Figure 3. Typical Insertion Loss
ESD7361HT1G (SOD323)
Figure 4. Typical Capacitance Over Frequency
ESD7361HT1G (SOD323)
FREQUENCY (Hz)
FREQUENCY (Hz)
1
1.E+07
1.E+08
1.E+09
1
1.E+07
5.E+08
1.E+09
2.E+09
2.E+09 3.E+09
Figure 5. Typical Insertion Loss
ESD7361XV2T1G (SOD523)
Figure 6. Typical Capacitance Over Frequency
ESD7361XV2T1G (SOD523)
FREQUENCY (Hz)
FREQUENCY (Hz)
1.E+07
1.E+08
1.E+09
1
1
1.E+07
Figure 7. Typical Insertion Loss
ESD7361P2T5G (SOD923)
FREQUENCY (Hz)
Figure 8. Typical Capacitance Over Frequency
ESD7361P2T5G (SOD923)
FREQUENCY (Hz)
0.5
0
−0.5
−1
−1.5
−2
−2.5
−3
−3.5
−4
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.5
0
−0.5
−1
−1.5
−2
−2.5
−3
−3.5
−4
1
1.E+07
1.E+09
2.E+09
3.E+09
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
4.E+09
0.5
0
−0.5
−1
−1.5
−2
−2.5
−3
−3.5
−4
1.E+08
1.E+09
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.E+07
1.E+09
2.E+09
3.E+09
4.E+09


Similar Part No. - SZESD7361HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZESD7361HT1G ONSEMI-SZESD7361HT1G Datasheet
132Kb / 9P
   ESD Protection Diodes
November, 2016 ??Rev. 3
More results

Similar Description - SZESD7361HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com