Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZESD8004MUTAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # SZESD8004MUTAG
Description  ESD Protection Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZESD8004MUTAG Datasheet(HTML) 2 Page - ON Semiconductor

  SZESD8004MUTAG Datasheet HTML 1Page - ON Semiconductor SZESD8004MUTAG Datasheet HTML 2Page - ON Semiconductor SZESD8004MUTAG Datasheet HTML 3Page - ON Semiconductor SZESD8004MUTAG Datasheet HTML 4Page - ON Semiconductor SZESD8004MUTAG Datasheet HTML 5Page - ON Semiconductor SZESD8004MUTAG Datasheet HTML 6Page - ON Semiconductor SZESD8004MUTAG Datasheet HTML 7Page - ON Semiconductor SZESD8004MUTAG Datasheet HTML 8Page - ON Semiconductor SZESD8004MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ESD8004
www.onsemi.com
2
See Application Note AND8308/D for further description of
survivability specs.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
VRWM
Working Peak Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
VHOLD
Holding Reverse Voltage
IHOLD
Holding Reverse Current
RDYN
Dynamic Resistance
IPP
Maximum Peak Pulse Current
VC
Clamping Voltage @ IPP
VC = VHOLD + (IPP * RDYN)
I
V
VCVRWMVHOLD
VBR
RDYN
VC
IR
IT
IHOLD
−IPP
RDYN
IPP
VC = VHOLD + (IPP * RDYN)
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
I/O Pin to GND
3.3
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
5.5
7.0
V
Reverse Leakage Current
IR
VRWM = 3.3 V, I/O Pin to GND
1.0
mA
Holding Reverse Voltage
VHOLD
I/O Pin to GND
1.19
V
Holding Reverse Current
IHOLD
I/O Pin to GND
25
mA
Clamping Voltage (Note 1)
VC
IEC61000−4−2, ±8 KV Contact
See Figures 1 and 2
V
Clamping Voltage
TLP (Note 2)
See Figures 5 through 8
VC
IPP = 8 A
IPP = −8 A
IEC 61000−4−2 Level 2 equivalent
(±4 kV Contact, ±4 kV Air)
4.9
−4.5
V
IPP = 16 A
IPP = −16 A
IEC 61000−4−2 Level 4 equivalent
(±8 kV Contact, ±15 kV Air)
8.0
−8.0
Dynamic Resistance
RDYN
I/O Pin to GND
GND to I/O Pin
0.40
0.45
W
Junction Capacitance
(See Figures 9 & 10)
CJ
VR = 0 V, f = 1 MHz between I/O Pins and GND
VR = 0 V, f = 2.5 GHz between I/O Pins and GND
VR = 0 V, f = 1 MHz, between I/O Pins
0.30
0.25
0.15
0.35
0.30
0.20
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. For test procedure see Figures 3 and 4 and application note AND8307/D.
2. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−20
0
20
40
60
80
100
140
120
Figure 1. IEC61000−4−2 +8 kV Contact ESD
Clamping Voltage
Figure 2. IEC61000−4−2 −8 kV Contact
Clamping Voltage
−20
0
20
40
60
80
100
140
120
90
TIME (ns)
TIME (ns)
80
70
60
50
40
30
20
10
0
−10
10


Similar Part No. - SZESD8004MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZESD8006MUTAG ONSEMI-SZESD8006MUTAG Datasheet
1Mb / 12P
   ESD Protection Diode
February, 2015 ??Rev. 4
SZESD8008MUTAG ONSEMI-SZESD8008MUTAG Datasheet
198Kb / 9P
   ESD Protection Diode
February, 2015 ??Rev. 4
More results

Similar Description - SZESD8004MUTAG

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com