Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVHD-575 Datasheet(PDF) 2 Page - Crystek Corporation

Part # CVHD-575
Description  Ultra-Low Phase Noise
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CVHD-575 Datasheet(HTML) 2 Page - Crystek Corporation

  CVHD-575 Datasheet HTML 1Page - Crystek Corporation CVHD-575 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Date: 23-Sep-2015
Rev: B
5×7.5 mm SMD,
3.3V, HCMOS
CVHD-575 Model
Frequency Range:
20 MHz to 52 MHz*
Temperature Range:
0°C to +70°C (standard)
(Option M)
-20°C to +70°C
(Option X)
-40°C to +85°C
Storage:
-45°C to 90°C
Input Voltage:
3.3V ±0.3V
Input Current:
15mA Typical, 25mA Max
Output:
HCMOS
Symmetry:
45/55% Max @ zero crossing point
Rise/Fall Time:
2nsec Max @ 20% to 80% Vdd
Logic:
“0” = 10% Vdd Max
“1” = 90% Vdd Min
Load:
15pF
Output Current:
±24mA Max
Input:
Modulation Bandwidth: >10kHz @ -3dB
Input Impedance:
51 kΩ
Control Voltage:
1.65V ±1.65V
Tuning Sensitivity:
+22ppm/V Typical
Frequency Pulling:
±20ppm APR Min
(Inclusive of frequency stability, calibration, and aging.)
Linearity:
±10% Max
Phase Jitter: (12kHz~20MHz)
125fs Typical @ 40 MHz
Phase Noise Typical:
See plot
Phase Noise Floor:
-165 dBc/Hz Typical, -162 dBc/Hz Max
Sub-harmonics:
None
Aging:
<3ppm 1
st year, <1ppm thereafter
Part Number Example:
CVHD-575X-50.000 = 3.3V, 45/55, -40°C to +85°C, 50 MHz
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical
Temperature Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.
0.046
(1.16)
0.046
(1.16)
#1
#3
#4
#2
0.058
(1.47)
0.200
(5.08)
0.099
(2.50)
Page 2 of 2
Parameter
Absolute Maximum Ratings
Rating
Unit
Input Supply Voltage
Input Control Voltage
+10.0
+6.0
V
V
0.295 -0.008 +0.035
(7.50 -0.20 +0.89)
0.200 ±0.015
(5.08 ±0.38)
Part Number
Frequency
Date Code
Denotes pad 1
SUGGESTED PAD LAYOUT
0.01µF
0.050
(1.27)
0.154
(3.91)
via to
ground
0.071
(1.80)
12
3
4
0.200
(5.08)
Pad
Connection
1
2
3
4
Vc
GND
Output
Vdd
*Standard Frequencies (MHz)
22.579200
24.576
27.000
40.000
45.158400
49.152
50.000


Similar Part No. - CVHD-575

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CVHD-575-22.579200 CRYSTEKMICROWAVE-CVHD-575-22.579200 Datasheet
493Kb / 3P
   Ultra-Low Phase Noise
CVHD-575-40.000 CRYSTEKMICROWAVE-CVHD-575-40.000 Datasheet
493Kb / 3P
   Ultra-Low Phase Noise
CVHD-575-50.000 CRYSTEKMICROWAVE-CVHD-575-50.000 Datasheet
493Kb / 3P
   Ultra-Low Phase Noise
CVHD-575 CRYSTEKMICROWAVE-CVHD-575_17 Datasheet
493Kb / 3P
   Ultra-Low Phase Noise
More results

Similar Description - CVHD-575

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
   Ultra-Low Phase Noise
MLPNC-7100 MA-COM-MLPNC-7100 Datasheet
648Kb / 5P
   Ultra-Low Phase Noise
logo
Vectron International, ...
VC-708 VECTRON-VC-708 Datasheet
279Kb / 7P
   Ultra Low Phase Noise
logo
M/A-COM Technology Solu...
MLPNC-7102 MA-COM-MLPNC-7102 Datasheet
637Kb / 5P
   Ultra-Low Phase Noise
logo
CRYSTEK CORPORATION
CVHD-575 CRYSTEKMICROWAVE-CVHD-575_17 Datasheet
493Kb / 3P
   Ultra-Low Phase Noise
CVHD-950 CRYSTEKMICROWAVE-CVHD-950_17 Datasheet
580Kb / 3P
   Ultra-Low Phase Noise
CCHD-575 CRYSTEKMICROWAVE-CCHD-575 Datasheet
627Kb / 4P
   Ultra-Low Phase Noise Oscillator
logo
Advanced XTAL Products
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
   Ultra-Low Phase Noise OCXO
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
   Ultra-Low Phase Noise Oscillators
CCHD-575 CRYSTEKCRYSTAL-CCHD-575 Datasheet
126Kb / 2P
   Ultra-Low Phase Noise Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com