Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3844DM Datasheet(PDF) 9 Page - Microsemi Corporation

Part # SG3844DM
Description  CURRENT MODE PWM CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3844DM Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button SG3844DM Datasheet HTML 4Page - Microsemi Corporation SG3844DM Datasheet HTML 5Page - Microsemi Corporation SG3844DM Datasheet HTML 6Page - Microsemi Corporation SG3844DM Datasheet HTML 7Page - Microsemi Corporation SG3844DM Datasheet HTML 8Page - Microsemi Corporation SG3844DM Datasheet HTML 9Page - Microsemi Corporation SG3844DM Datasheet HTML 10Page - Microsemi Corporation SG3844DM Datasheet HTML 11Page - Microsemi Corporation SG3844DM Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1844/SG1845 Series
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 2000
Rev. 1.4
4/00
P RODUCTION D ATA S HEET
CHARACTERISTIC CUR V E S
FIGURE 10. — CURRENT SENSE THRESHOLD vs.
ERROR AMPLIFIER OUTPUT
FIGURE 11. — OUTPUT SATURATION VOLTAGE vs.
OUTPUT CURRENT & TEMPERATURE
FIGURE 9. — OUTPUT SATURATION VOLTAGE vs.
OUTPUT CURRENT & TEMPERATURE
Error Amp Output Voltage - (V)
0.2
1.0
2.0
3.0
4.0
5.0
0.4
0.6
0.8
1.0
0
0.1
0.3
0.5
0.7
0.9
Output Current - (mA)
0.5
100
200
300
400
500
1.0
1.5
2.0
2.5
0
-55°
C
+25°
C
+125
°C
V
IN = 15V
Duty Cycle < 5%
Output Current - (mA)
1.0
100
200
300
400
500
2.0
3.0
4.0
0
V
IN = 15V
Duty Cycle < 5%
-55°
C
+25°
C
+125
°C
+125
°C
+25
°C


Similar Part No. - SG3844DM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3844DM MICROSEMI-SG3844DM Datasheet
359Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG3844DM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com