Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG75327J Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG75327J
Description  QUAD SOURCE MEMORY DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG75327J Datasheet(HTML) 3 Page - Microsemi Corporation

  SG75327J Datasheet HTML 1Page - Microsemi Corporation SG75327J Datasheet HTML 2Page - Microsemi Corporation SG75327J Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SG55327/SG75327
4/90 Rev 1.2 7/96
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
ELECTRICAL CHARACTERIZATICS (continued)
All outputs off, all inputs at 5V, T
A =25°C
One output on, I
SOURCE = -50mA,
V
COL = 6V, TA = 25°C
Test Conditions
Parameter
Units
SG75327
Min. Typ. Max.
Min.
Typ. Max.
SG55327
Supply Current (I
CC(OFF))
From V
CC1
From V
CC2
Supply Current (I
CC(ON))
From V
CC1
From V
CC2
Static Section (continued)
Test Conditions
Parameter
Units
SG55327/75327
Min. Typ. Max.
Dynamic Section (Note 5)
Coll. W, Z or X, Y
Coll. W, Z or X, Y
W, X, Y, or Z
W, X, Y, or Z
Coll. W, Z or X, Y
Propagation Delay, Low to High (TPLH)
Propagation Delay, High to Low (TPHL)
Transition Time, Low to High (TTLH)
Transition Time, High to Low (TTHL)
High-Level Output Voltage (V
OH)
(Note 6)
V
S = VCC2 = 15V, RL = 24Ω
V
S = VCC2 = 15V, RL = 24Ω
V
COL = VCC2 = 20V, RL = 100Ω
V
COL = VCC2 = 20V, RL = 100Ω
V
S = VCC2 = 24V, RL = 47Ω,
I
SINK ≈ 500mA
To (output)
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
SG55327J/883B
-55°C to 125°C
SG55327J
-55°C to 125°C
SG75327J
0°C to 70°C
16-PIN CERAMIC DIP
J - PACKAGE
16-PIN CERAMIC
FLAT PACK
F - PACKAGE
SG55327F/883B
-55°C to 125°C
SG55327F
-55°C to 125°C
SG75327N
0°C to 70°C
16-PIN PLASTIC DIP
N - PACKAGE
6
8
11
14
9
10
GND (Note 2)
X
B
R
INT
COLLECTORS X, Y
Y
C
V
CC1
16
15
3
7
NODE R
4
S
AD
WZ
V
CC2
COLLECTORS W, Z
12
5
13
2
1
R
INT
Z
D
S
V
CC1
C
Y
COLL. X, Y
2
3
4
5
6
7
8
1
13
12
11
14
15
10
9
16
GND
X
B
NODE R
A
W
V
CC2
COLL. W, Z
55
55
35
30
30
10
ns
ns
ns
ns
mV
V
S–25
7.0
13
8.0
36
10
20
12
55
7.0
13
8.0
36
10
20
12
55
mA
mA
mA
mA
Note 4. Under these conditions, not more than one output is to be on any one time.
Note 5. Unless otherwise specified, V
CC1 = 5V, C L = 25pF,
and T
A = 25°C.
Note 6. Guaranteed but not tested.
Note 1. All packages are viewed from the top.
Note 2. Pin 8 is in electrical contact with the metal base.


Similar Part No. - SG75327J

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SG75 LITTELFUSE-SG75 Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
logo
Microsemi Corporation
SG75451B MICROSEMI-SG75451B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG75451BY MICROSEMI-SG75451BY Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG75454B MICROSEMI-SG75454B Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
More results

Similar Description - SG75327J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMPQ3467 MOTOROLA-MMPQ3467 Datasheet
111Kb / 4P
   Quad Memory Driver Transistor
logo
Allegro MicroSystems
2944 ALLEGRO-2944 Datasheet
195Kb / 8P
   QUAD HIGH-CURRENT, HIGH-VOLTAGE SOURCE DRIVER
logo
ON Semiconductor
MMPQ3467 ONSEMI-MMPQ3467 Datasheet
149Kb / 4P
   Quad Memory Driver Transistor PNP Silicon
August, 2006 ??Rev. 4
logo
Texas Instruments
BUF01900 TI-BUF01900 Datasheet
693Kb / 25P
[Old version datasheet]   Programmable Voltage Source with Memory
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
logo
Rohm
BU95303 ROHM-BU95303 Datasheet
434Kb / 15P
   6bit RSDS Source Driver
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com