Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5165 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5165
Description  PLL Synthesizer IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5165 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5165 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5165 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5165 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5165 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5165 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5165 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5165 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5165 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5165 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SM5165AV
NIPPON PRECISION CIRCUITS—5
FUNCTIONAL DESCRIPTION
Operating Frequency Divider
(N-counter) Structure
The operating frequency divider generates a compar-
ator frequency signal (FV), which is input to the
phase comparator, by dividing the VCO signal input
on pin FIN.
The operating frequency divider is comprised by
dual modulus prescalers, a 5-bit swallow counter and
a 13-bit main counter.
The settings for the dual modulus prescaler (P and P
+ 1), swallow counter (S) and main counter (M) are
related to the comparator frequency divider ratio by:
The counter value ranges are P = 32, P + 1 = 33, S =
0 to 31, and M = 32 to 8191. Therefore, the compara-
tor frequency divider ratio range N is 1056 to
262143.
Reference Frequency Divider
(R-counter) Structure
The reference frequency divider generates a compar-
ator frequency signal (FR), which is input to the
phase comparator, by dividing the reference oscilla-
tor frequency input either from an external signal on
XIN or from a crystal oscillator connected between
XIN and XOUT.
The reference frequency divider is comprised by a
fixed divide-by-8 prescaler and an 11-bit reference
counter.
NP
1
+
() SP M S
()
+
×
=
PM
S
+
=
The settings for the prescaler (A = 8) and reference
counter (R) are related to the reference frequency
divider ratio by:
The counter value ranges are A = 8 and B = 5 to
2047. Therefore, the reference frequency divider
ratio range is R = 40 to 16376.
Input Data
The input data should be specified keeping in mind
both the VDD2 and VDD3 supplies. The data is input
using CLK, DATA and LE pins into the shift register
and latch which operate from the VDD2 supply. How-
ever, the input voltages can be specified using either
the VDD2 or VDD3 supply levels.
The control data input uses a 3-line 23-bit serial
interface comprising the clock (CLK), data input
(DATA) and latch enable (LE). The data is input with
the MSB first. The last (23rd) bit is used as the latch
select control bit. Data is written to the shift register
on the rising edge of the clock signal. Accordingly,
the data should change state on the falling edge of
the clock signal. Data is transferred from the shift
register to the latch when the latch enable (LE) sig-
nal goes HIGH. Accordingly, the latch enable signal
should be held LOW while data is being written to
the shift register.
The clock and data input signals are both ignored
when the latch enable signal goes HIGH.
RAB8B
==
Input data format
12
345
678
9
10
11
12
13
14
15
16
17
MSB
CLK
DATA
LE
18
19
20
21
22
23
LSB
CONTROL
12
345
678
9
10
11
12
13
14
15
16
17
MSB
CLK
DATA
LE
18
19
20
21
22
23
LSB
CONTROL


Similar Part No. - SM5165

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM516 DIOTEC-SM516 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM516 SEMIKRON-SM516 Datasheet
106Kb / 2P
   Standard silicon rectifier diodes
SM516 SEMIKRON-SM516 Datasheet
109Kb / 2P
   Standard silicon rectifier diodes
logo
Galaxy Semi-Conductor H...
SM516 BILIN-SM516 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
SM516 LUGUANG-SM516 Datasheet
372Kb / 2P
   Surface Mount Rectifiers
More results

Similar Description - SM5165

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5170AV NPC-SM5170AV Datasheet
119Kb / 10P
   PLL Synthesizer IC
SM5166AV NPC-SM5166AV Datasheet
91Kb / 11P
   PLL Synthesizer IC
logo
Hitachi Semiconductor
HD61945MP HITACHI-HD61945MP Datasheet
567Kb / 9P
   PLL SYNTHESIZER IC
logo
Nippon Precision Circui...
SM5168 NPC-SM5168 Datasheet
85Kb / 9P
   PLL Synthesizer IC
SM5142AP NPC-SM5142AP Datasheet
171Kb / 6P
   Frequency Synthesizer PLL IC
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
New Japan Radio
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
   PLL Synthesizer with IC Bus for TV Tuner
logo
Toshiba Semiconductor
TB31202FN TOSHIBA-TB31202FN Datasheet
577Kb / 15P
   PLL EREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com