Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6506 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG6506
Description  DIODE ARRAY CIRCUITS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG6506 Datasheet(HTML) 2 Page - Microsemi Corporation

  SG6506 Datasheet HTML 1Page - Microsemi Corporation SG6506 Datasheet HTML 2Page - Microsemi Corporation SG6506 Datasheet HTML 3Page - Microsemi Corporation SG6506 Datasheet HTML 4Page - Microsemi Corporation SG6506 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIODE ARRAY SERIES
6/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞ FAX: (714) 893-2570
ABSOLUTE MAXIMUM RATINGS (Note 1 & 2)
Breakdown Voltage (V
BR) ...................................................
Output Current (I
O), TC = 25°C
Continuous ................................................................
60V
500mA
Operating Junction Temperature
Hermetic (J, F Packages) ............................................
Storage Temperature Range ............................
150
°C
-65
°C to 200°C
Note 1. Exceeding these ratings could cause damage to the device.
Note 2. Applicable for each diode.
J Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
30°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............. 80°C/W
F Package (10 Pin):
Thermal Resistance-Junction to Case,
θ
JC ..................
80°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............ 145°C/W
F Package (14 Pin):
Thermal Resistance-Junction to Case,
θ
JC ..................
80°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............ 140°C/W
THERMAL DATA
Note A. Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
Operating Ambient Temperature Range
SG5768 .......................................................... -55
°C to 150°C
SG5770 .......................................................... -55
°C to 150°C
SG5772 .......................................................... -55
°C to 150°C
Operating Ambient Temperature Range
SG5774 .......................................................... -55
°C to 150°C
SG6506 .......................................................... -55
°C to 150°C
SG6507 .......................................................... -55
°C to 150°C
SG6508 .......................................................... -55
°C to 150°C
SG6509 .......................................................... -55
°C to 150°C
RECOMMENDED OPERATING CONDITIONS (Note 3)
Note 3. Range over which the device is functional.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply for the operating temperature of T
A = 25°C for each diode. Low duty cycle pulse testing techniques
are used which maintains junction and case temperatures equal to the ambient temperature.)
1.0
1.1
1.5
1.0
100
50
4
40
20
V
V
V
V
V
nA
µA
pf
ns
Breakdown Voltage (V
BR)
Forward Voltage (V
F)
Reverse Current (I
R)
Capacitance (C) (Note 4)
Forward Recovery Time (t
fr )
(Note 4)
Reverse Recovery Time (t
rr)
(Note 4)
60
SG5768/SG6506
Test Conditions
Units
Parameter
Note 4. The parameters, although guaranteed, are not 100% tested in production.
Min. Typ. Max.
I
R = 10µA
Duty Cycle
≤ 2%, 300 µs pulse
I
F = 100mA
I
F = 200mA
I
F = 500mA
I
F = 10mA, TA = -55°C
V
R = 40V
V
R = 40V, TA = 150°C
V
R = 0V, f = 1MHz, Pin-to-pin
I
F = 500mA, tr ≤ 15ns, Vfr = 1.8V, RS = 50Ω
I
F = IR = 200mA, irr = 20mA, RL = 100Ω


Similar Part No. - SG6506

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SG6504 SSOUSA-SG6504 Datasheet
1Mb / 8P
   Industrial Inverters
More results

Similar Description - SG6506

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG6100 MICROSEMI-SG6100 Datasheet
34Kb / 3P
   DIODE ARRAY CIRCUITS
logo
Sensitron
SDA1002SS SENSITRON-SDA1002SS Datasheet
214Kb / 2P
   DIODE ARRAY
SCP-4644 SENSITRON-SCP-4644 Datasheet
36Kb / 2P
   Diode Array
SDA1001SS SENSITRON-SDA1001SS Datasheet
122Kb / 2P
   DIODE ARRAY
logo
Intersil Corporation
CA3039 INTERSIL-CA3039 Datasheet
27Kb / 4P
   Diode Array
November 1996
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1 Datasheet
51Kb / 5P
   DIODE ARRAY
logo
New Jersey Semi-Conduct...
1N6101 NJSEMI-1N6101 Datasheet
82Kb / 1P
   Diode Array
logo
Sensitron
SDA1003SS SENSITRON-SDA1003SS Datasheet
214Kb / 2P
   DIODE ARRAY
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1_07 Datasheet
118Kb / 8P
   Diode Array
logo
Solid States Devices, I...
RS0217 SSDI-RS0217 Datasheet
170Kb / 2P
   DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com