Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD8016 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESD8016
Description  ESD Protection Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8016 Datasheet(HTML) 3 Page - ON Semiconductor

  ESD8016 Datasheet HTML 1Page - ON Semiconductor ESD8016 Datasheet HTML 2Page - ON Semiconductor ESD8016 Datasheet HTML 3Page - ON Semiconductor ESD8016 Datasheet HTML 4Page - ON Semiconductor ESD8016 Datasheet HTML 5Page - ON Semiconductor ESD8016 Datasheet HTML 6Page - ON Semiconductor ESD8016 Datasheet HTML 7Page - ON Semiconductor ESD8016 Datasheet HTML 8Page - ON Semiconductor ESD8016 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ESD8016
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
VRWM
Working Peak Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
VHOLD
Holding Reverse Voltage
IHOLD
Holding Reverse Current
RDYN
Dynamic Resistance
IPP
Maximum Peak Pulse Current
VC
Clamping Voltage @ IPP
VC = VHOLD + (IPP * RDYN)
I
V
VCVRWMVHOLD
VBR
RDYN
VC
IR
IT
IHOLD
−IPP
RDYN
IPP
VC = VHOLD + (IPP * RDYN)
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
I/O Pin to GND
3.3
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
5.5
7.0
V
Reverse Leakage Current
IR
VRWM = 3.3 V, I/O Pin to GND
1.0
mA
Holding Reverse Voltage
VHOLD
I/O Pin to GND
1.19
V
Holding Reverse Current
IHOLD
I/O Pin to GND
25
mA
Clamping Voltage (Note 1)
VC
IEC61000−4−2,
±8 KV Contact
See Figures 2 and 3
V
Clamping Voltage
TLP (Note 2)
See Figures 6 through 9
VC
IPP = 8 A
IPP = −8 A
IEC 61000−4−2 Level 2 equivalent
(
±4 kV Contact, ±4 kV Air)
4.9
−5.0
V
IPP = 16 A
IPP = −16 A
IEC 61000−4−2 Level 4 equivalent
(
±8 kV Contact, ±15 kV Air)
8.4
−9.5
Dynamic Resistance
RDYN
I/O Pin to GND
GND to I/O Pin
0.44
0.49
W
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz between I/O Pins and GND
VR = 0 V, f = 2.5 GHz between I/O Pins and GND
VR = 0 V, f = 5.0 GHz between I/O Pins and GND
VR = 0 V, f = 1 MHz, between I/O Pins
0.32
0.25
0.25
0.16
pF
1. For test procedure see Figures 4 and 5 and application note AND8307/D.
2. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - ESD8016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
May, 2016 ??Rev. 4
ESD8011MUT5G ONSEMI-ESD8011MUT5G Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8011MUT5G ONSEMI-ESD8011MUT5G Datasheet
270Kb / 8P
   ESD Protection Diodes
May, 2016 ??Rev. 4
ESD8011 ONSEMI-ESD8011_16 Datasheet
270Kb / 8P
   ESD Protection Diodes
May, 2016 ??Rev. 4
More results

Similar Description - ESD8016

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com