Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89057W-VF4A-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC89057W-VF4A-E
Description  Digital Audio Interface Transceiver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC89057W-VF4A-E Datasheet(HTML) 4 Page - ON Semiconductor

  LC89057W-VF4A-E Datasheet HTML 1Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 2Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 3Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 4Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 5Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 6Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 7Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 8Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
LC89057W-VF4A-E
No.7202-4/59
Continued from preceding page.
Pin No.
Name
I/O
Function
25
DGND
Digital GND
26
DVDD
Digital power supply
27
XMCK
O
Oscillation amplifier output pin
28
XOUT
O
Quartz resonator connection output pin
29
XIN
I
Quartz resonator connection, input pin of external supply clock (24.576MHz or 12.288MHz)
30
DVDD
Digital power supply
31
DGND
Digital GND
32
EMPHA/UO/CO
I/O
Emphasis information || U data output || C data output || Chip address setting pin
33
AUDIO/VO
I/O
Non-PCM detection || V flag output || Chip address setting pin
34
CKST/PB
I/O
Output of clock switch transitional period signal || Preamble B output || Demodulation master or slave
function switch pin
35
INT
I/O
Interrupt output for Microcontroller (Possible to select an interrupt factor.) || Modulation or general-purpose
I/O switch pin
36
RERR
O
PLL clock error, data error flag output
37
DO
O
Microcontroller I/F, read data output pin (3-state)
38
DI
I5
Microcontroller I/F, write data input pin
39
CE
I5
Microcontroller I/F, chip enable input pin
40
CL
I5
Microcontroller I/F, clock input pin
41
XMODE
I5
System reset input pin
42
DGND
Digital GND
43
DVDD
Digital power supply
44
TMCK/PIO0
I/O
256fs or 128fs system clock input for modulation || 256fs or 512fs system clock input for external clock sync
function || General-purpose I/O pin
45
TBCK/PIO1
I/O
64fs bit clock input for modulation || General-purpose I/O pin
46
TLRCK/PIO2
I/O
fs clock input for modulation || General-purpose I/O pin
47
TDATA/PIO3
I/O
serial audio data input for modulation || General-purpose I/O pin
48
TXO/PIOEN
O/I
Modulation data output || General-purpose I/O enable input pin
1) Withstand voltage input/output: I or O
= -0.3 to 3.6V, I
5
= -0.3 to 5.5V
2) Pins 32 and 33 are input pins for chip address setting, when pin 41
= "L".
3) Pin 34 is a demodulation function master or an input pin for slave setting, when pin 41 = "L".
4) Pin 35 is a modulation function or an input pin for general-purpose I/O function switch setting, when pin 41 = "L".
5) ON/OFF for all power supplies must be done at the same timing as a latch-up countermeasure.


Similar Part No. - LC89057W-VF4A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
More results

Similar Description - LC89057W-VF4A-E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX)
logo
Asahi Kasei Microsystem...
AK4114 AKM-AK4114 Datasheet
450Kb / 48P
   HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com