Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1644T Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG1644T
Description  DUAL HIGH SPEED DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1644T Datasheet(HTML) 3 Page - Microsemi Corporation

  SG1644T Datasheet HTML 1Page - Microsemi Corporation SG1644T Datasheet HTML 2Page - Microsemi Corporation SG1644T Datasheet HTML 3Page - Microsemi Corporation SG1644T Datasheet HTML 4Page - Microsemi Corporation SG1644T Datasheet HTML 5Page - Microsemi Corporation SG1644T Datasheet HTML 6Page - Microsemi Corporation SG1644T Datasheet HTML 7Page - Microsemi Corporation SG1644T Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9/91 Rev 1.2 6/97
LINFINITY Microelectronics Inc.
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
SG1644/SG2644/SG3644
ELECTRICAL CHARACTERISTICS (continued)
C
L = 1000pF
(Note 5)
C
L = 2500pF
C
L = 1000pF
(Note 5)
C
L = 2500pF
C
L = 1000pF
(Note 5)
C
L = 2500pF
C
L = 1000pF
(Note 5)
C
L = 2500pF
C
L = 2500pF, Freq. = 200KHz
Duty Cycle = 50%
ns
ns
ns
ns
ns
ns
ns
ns
mA
Dynamic Characteristics (Note 6)
Propagation Delay High-Low
(TPHL)
Propagation Delay Low-High
(TPLH)
Rise Time (TTLH)
Fall Time (TTHL)
Supply Current (I
CC)
(both outputs)
Min.
Typ. Max.
40
50
30
40
35
50
30
50
40
Min.
Typ. Max.
30
35
25
30
30
40
25
40
35
26
18
30
30
30
SG1644
T
A=-55 °
°°°°C to 125°°°°°C
Test Conditions (Figure 1)
Parameter
Note 5. These parameters, specified at 1000pF, although guaranteed over recommended operating conditions, are not tested in production.
Note 6. V
CC = 15V.
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS - FIGURE 1
FIGURE 4.
TRANSITION TIMES VS. AMBIENT TEMPERATURE
FIGURE 3.
PROPAGATION DELAY VS. SUPPLY VOLTAGE
FIGURE 2.
TRANSITION TIMES VS. SUPPLY VOLTAGE
CHARACTERISTIC CURVES
SG1644/2644/3644
T
A
= 25
°°°°°C
Units


Similar Part No. - SG1644T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1644T MICROSEMI-SG1644T Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644T/883B MICROSEMI-SG1644T/883B Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644T/DESC MICROSEMI-SG1644T/DESC Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
More results

Similar Description - SG1644T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Intersil Corporation
HIP9022 INTERSIL-HIP9022 Datasheet
98Kb / 10P
   Dual High Speed Laser Driver
logo
National Semiconductor ...
DS0026 NSC-DS0026 Datasheet
184Kb / 8P
   Dual High-Speed MOS Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com