Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV70M3T5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAV70M3T5G
Description  Dual Switching Diode Common Cathode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV70M3T5G Datasheet(HTML) 1 Page - ON Semiconductor

  BAV70M3T5G Datasheet HTML 1Page - ON Semiconductor BAV70M3T5G Datasheet HTML 2Page - ON Semiconductor BAV70M3T5G Datasheet HTML 3Page - ON Semiconductor BAV70M3T5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 2
Publication Order Number:
BAV70M3/D
1
BAV70M3
Dual Switching Diode
Common Cathode
The BAV70M3T5G device is a spin−off of our popular SOT−23
three−leaded device. It is designed for switching applications and is
housed in the SOT−723 surface mount package. This device is ideal
for low−power surface mount applications where board space is at a
premium.
Features
Reduces Board Space
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
100
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR− 5 Board (Note 1)
TA = 25°C
Derate above 25
°C
PD
265
2.1
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
470
°C/W
Total Device Dissipation
Alumina Substrate, (Note 2) TA = 25°C
Derate above 25
°C
PD
640
5.1
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
195
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
70 V
DUAL COMMON CATHODE
SWITCHING DIODES
Device
Package
Shipping
ORDERING INFORMATION
BAV70M3T5G
SOT−723
(Pb−Free)
8000/Tape & Reel
SOT−723
CASE 631AA
STYLE 3
MARKING
DIAGRAM
3
CATHODE
1
ANODE
2
ANODE
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
AL = Specific Device Code
M
= Date Code
AL M
1
3
2
1


Similar Part No. - BAV70M3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV70M3T5G ONSEMI-BAV70M3T5G Datasheet
122Kb / 4P
   Dual Switching Diode Common Cathode
January, 2009 ??Rev. 0
More results

Similar Description - BAV70M3T5G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
   Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
   Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
   Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
BAV70M3T5G ONSEMI-BAV70M3T5G Datasheet
122Kb / 4P
   Dual Switching Diode Common Cathode
January, 2009 ??Rev. 0
584826 ONSEMI-584826 Datasheet
111Kb / 4P
   Dual Switching Diode Common Cathode
May, 2013 ??Rev. 8
BAV70LT1G ONSEMI-BAV70LT1G Datasheet
130Kb / 4P
   Dual Switching Diode Common Cathode
August, 2009 ??Rev. 6
logo
ARTSCHIP ELECTRONICS CO...
BAV70 ARTSCHIP-BAV70 Datasheet
461Kb / 3P
   Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70WT1G ONSEMI-BAV70WT1G Datasheet
130Kb / 5P
   Dual Switching Diode Common Cathode
October, 2010 -- Rev. 5
BAV70LT1 ONSEMI-BAV70LT1_07 Datasheet
52Kb / 4P
   Dual Switching Diode Common Cathode
January, 2007 ??Rev. 4
BAV70WT1 ONSEMI-BAV70WT1 Datasheet
55Kb / 5P
   Dual Switching Diode Common Cathode
January, 2007 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com