Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W15CP001-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W15CP001-20
Description  WR-15 20 dB Directional Waveguide Coupler With UG-385 - U Flange and H-Plane Coupled
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W15CP001-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W15CP001-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W15CP001-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W15CP001-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W15CP001-20 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE-W15CP001-20 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE-W15CP001-20 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
3.5 in [88.9 mm]
Width/Dia.
1 in [25.4 mm]
Height
0.83 in [21.08 mm]
.
Waveguide
Size
WR-15
Material
Brass Copper
Plating
Gold
Color
Gold
Description
Flange 1
Flange 2
Flange 3
Interface
UG-385/U
UG-385/U
UG-385/U
Material
Brass Copper
Brass Copper
Brass Copper
Plating
Gold
Gold
Gold
Color
Gold
Gold
Gold
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/20/2013
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
PE-W15CP001-20
PE-W15CP001-20 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-15 20 dB Directional Waveguide Coupler With UG-385/U Flange and H-Plane Coupled
Port From 50 GHz to 75 GHz V Band PE-W15CP001-20
WR-15 20 dB Directional Waveguide Coupler
With UG-385/U Flange and H-Plane Coupled
Port From 50 GHz to 75 GHz V Band


Similar Part No. - PE-W15CP001-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W15CP001-10 PASTERNACK-PE-W15CP001-10 Datasheet
520Kb / 6P
   WR-15 10 dB Directional Waveguide Coupler With UG-385 - U Flange and H-Plane Coupled
More results

Similar Description - PE-W15CP001-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W15CP001-10 PASTERNACK-PE-W15CP001-10 Datasheet
520Kb / 6P
   WR-15 10 dB Directional Waveguide Coupler With UG-385 - U Flange and H-Plane Coupled
PE-W12CP001-20 PASTERNACK-PE-W12CP001-20 Datasheet
521Kb / 6P
   WR-12 20 dB Directional Waveguide Coupler With UG-387 - U Flange and H-Plane Coupled
PE-W10CP001-20 PASTERNACK-PE-W10CP001-20 Datasheet
485Kb / 6P
   WR-10 20 dB Directional Waveguide Coupler With UG 387 - U-Mod Flange and H-Plane Coupled
PE-W12CP001-10 PASTERNACK-PE-W12CP001-10 Datasheet
520Kb / 6P
   WR-12 10 dB Directional Waveguide Coupler With UG-387 - U Flange and H-Plane Coupled
PE-W10CP001-10 PASTERNACK-PE-W10CP001-10 Datasheet
483Kb / 6P
   WR-10 10 dB Directional Waveguide Coupler With UG 387 - U-Mod Flange and H-Plane Coupled
PE-W19CP001-20 PASTERNACK-PE-W19CP001-20 Datasheet
522Kb / 6P
   WR-19 20 dB Directional Waveguide Coupler With UG-383 - U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
PEWCP1012 PASTERNACK-PEWCP1012 Datasheet
424Kb / 5P
   WR-62 20 dB Directional Waveguide Broadwall Coupler, UG-419/U Square Cover Flange,E-Plane
PE-W15CA001 PASTERNACK-PE-W15CA001 Datasheet
442Kb / 4P
   WR-15 With UG-385-U Flange to 1.85mm Female Waveguide
PE-W28CP002-20 PASTERNACK-PE-W28CP002-20 Datasheet
474Kb / 6P
   WR-28 20 dB Directional Waveguide Coupler With UG-599 - U Flange and H-Plane Coupled Port From 26.5 GHz to 40 GHz Ka Band
PE-W22CP001-20 PASTERNACK-PE-W22CP001-20 Datasheet
513Kb / 6P
   WR-22 20 dB Directional Waveguide Coupler With UG-383/U Flange and H-Plane Coupled Port From 33 GHz to 50 GHz Q Band
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com