Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W19S001-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W19S001-12
Description  WR-19 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG383 - U-Mod Flange Operating from 40 GHz to 60 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W19S001-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W19S001-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W19S001-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Power Data
Outline Drawing
WR-19 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG383/U-Mod Flange Operating from
40 GHz to 60 GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-19 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG383/U-Mod
Flange Operating from 40 GHz to 60 GHz
PE-W19S001-12
URL: http://www.pasternack.com/wr-19-straight-waveguide-section-ug383-mod-40-60-ghz-pe-w19s001-12-p.aspx
PE-W19S001-12 REV 1
PE-W19S001-12
WR-19 Instrumentation Grade Straight Waveguide
Section 12 Inch Length with UG383/U-Mod
Flange Operating from 40 GHz to 60 GHz


Similar Part No. - PE-W19S001-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W19S001-3 PASTERNACK-PE-W19S001-3 Datasheet
358Kb / 2P
   WR-19 Instrumentation Grade Straight Waveguide Section 3 Inch Length with UG383 - U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19S001-6 PASTERNACK-PE-W19S001-6 Datasheet
356Kb / 2P
   WR-19 Instrumentation Grade Straight Waveguide Section 6 Inch Length with UG383 - U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19S001-9 PASTERNACK-PE-W19S001-9 Datasheet
356Kb / 2P
   WR-19 Instrumentation Grade Straight Waveguide Section 9 Inch Length with UG383 - U-Mod Flange Operating from 40 GHz to 60 GHz
More results

Similar Description - PE-W19S001-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W19S001-9 PASTERNACK-PE-W19S001-9 Datasheet
356Kb / 2P
   WR-19 Instrumentation Grade Straight Waveguide Section 9 Inch Length with UG383 - U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19S001-3 PASTERNACK-PE-W19S001-3 Datasheet
358Kb / 2P
   WR-19 Instrumentation Grade Straight Waveguide Section 3 Inch Length with UG383 - U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19S001-6 PASTERNACK-PE-W19S001-6 Datasheet
356Kb / 2P
   WR-19 Instrumentation Grade Straight Waveguide Section 6 Inch Length with UG383 - U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19B001 PASTERNACK-PE-W19B001 Datasheet
342Kb / 2P
   WR-19 Instrumentation Grade Waveguide E-Bend with UG383-U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19B002 PASTERNACK-PE-W19B002 Datasheet
344Kb / 2P
   WR-19 Instrumentation Grade Waveguide H-Bend with UG383-U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W12S001-12 PASTERNACK-PE-W12S001-12 Datasheet
352Kb / 2P
   WR-12 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-387/U Flange Operating from 60 GHz to 90 GHz
PE-W28S001-12 PASTERNACK-PE-W28S001-12 Datasheet
415Kb / 4P
   WR-28 Instrumentation Grade Straight Waveguide Section 12 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W12S001-9 PASTERNACK-PE-W12S001-9 Datasheet
353Kb / 2P
   WR-12 Instrumentation Grade Straight Waveguide Section 9 Inch Length with UG-387 - U Flange Operating from 60 GHz to 90 GHz
PE-W12S001-6 PASTERNACK-PE-W12S001-6 Datasheet
354Kb / 2P
   WR-12 Instrumentation Grade Straight Waveguide Section 6 Inch Length with UG-387/U Flange Operating from 60 GHz to 90 GHz
PE-W12S001-3 PASTERNACK-PE-W12S001-3 Datasheet
354Kb / 2P
   WR-12 Instrumentation Grade Straight Waveguide Section 3 Inch Length with UG-387-U Flange Operating from 60 GHz to 90 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com