Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16LC24C Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SM16LC24C
Description  TVSarray Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM16LC24C Datasheet(HTML) 1 Page - Microsemi Corporation

  SM16LC24C Datasheet HTML 1Page - Microsemi Corporation SM16LC24C Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC0884.PDF
ISO 9001 CERTIFIED
REV M 7/07/2000
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax: (480) 947-1503
DESCRIPTION (300 watt)
This 16 pin 8 line Low Capacitance Bidirectional array is designed for
use in applications where protection is required at the board level from
voltage transients caused by electrostatic discharge (ESD) as defined
in IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4 and
effects of secondary lighting.
These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays
have a peak power of 300 watts for an 8/20
µsec pulse and are
designed to protect 3.0/3.3 volt components such as DRAM’s, SRAM’s, CMOS, HCMOS, HSIC, and low
voltage interfaces up to 24 volts.
FEATURES
MECHANICAL
Protects 3.0/3.3 up through 24V Components
Molded SO-16 Surface Mount
Protects 8 lines Bidirectional
Weight: 0.128 grams (approximate)
Provides electrically isolated protection
Body Marked with Logo, and device number
SO-16 Packaging
Pin #1 defined by DOT on top of package
Encapsulation meets UL 94V-0
MAXIMUM RATINGS
PACKAGING
Operating Temperatures: -55
0C to +1500C
Tape & Reel EIA Standard 481-1-A
Storage Temperature: -55
0C to +1500C
13 inch reel 2,500 pieces (OPTIONAL)
Peak Pulse Power: 300 Watts (8/20
µsec, Figure 1)
Carrier tubes 48 pcs per (STANDARD)
Pulse Repetition Rate: <.01%
ELECTRICAL CHARACTERISTICS PER LINE @ 25
0C Unless otherwise specified
STAND
OFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(FIGURE 2)
VOLTS
CLAMPING
VOLTAGE
VC
@ 5 Amp
(FIGURE 2)
VOLTS
LEAKAGE
CURREN
T
ID
@ VWM
µA
CAPACITANCE
(f=1 MHz)
@0V
C
pF
TEMPERATURE
COEFFICIENT
OF VBR
áVBR
mV/°C
PART
NUMBER
DEVICE
MARKING
MAX
MIN
MAX
MAX
MAX
TYP
MAX
SM16LC03C
MAA
3.3
4
7.0
9.0
200
25
-5
SM16LC05C
MAB
5.0
6
9.8
11
20
25
1
SM16LC08C
MAF
8.0
8.5
13.4
16.6
1
25
5
SM16LC12C
MAC
12
13.3
19
24
1
25
8
SM16LC15C
MAD
15
16.7
24
30
1
25
11
SM16LC24C
MAE
24
26.7
43
55
1
25
28
Part numbers with a “C” suffix are bidirectional devices
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off voltage
VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of
the circuit to be protected.
Application: The SM16CXXC product is designed for transient voltage suppression protection of
components at the board level. It is an ideal product to be used for protection of I/O Transceivers.
SM16LC03C
thru
SM16LC24C
TVSarray
™ Series


Similar Part No. - SM16LC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM16LC24C PROTEC-SM16LC24C Datasheet
126Kb / 5P
   LOW CAPACITANCE TVS ARRAY
SM16LC24C PROTEC-SM16LC24C Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
SM16LC24C PROTEC-SM16LC24C Datasheet
889Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
logo
Microsemi Corporation
SM16LC24C-6 MICROSEMI-SM16LC24C-6 Datasheet
167Kb / 2P
   TVSarray Series
More results

Similar Description - SM16LC24C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
   TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
   TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
   TVSarray Series
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
   TVSarray Series
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
   TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
   TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
   TVSarray Series
USB0403 MICROSEMI-USB0403 Datasheet
184Kb / 2P
   TVSarray ??Series
SM16LC03 MICROSEMI-SM16LC03 Datasheet
103Kb / 2P
   TVSarray Series
USB50403 MICROSEMI-USB50403 Datasheet
68Kb / 2P
   TVSarray ??Series
SMDA03-6 MICROSEMI-SMDA03-6 Datasheet
94Kb / 2P
   TVSarray Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com