Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W34TF005-36 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W34TF005-36
Description  WR-34 Flexible Waveguide Twist With a UG-1530 - U Flange Operating From 22 GHz to 33 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W34TF005-36 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W34TF005-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W34TF005-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W34TF005-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W34TF005-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Description
Flange 1
Waveguide
Flange 2
Interface
UG-1530/U
WR-34
UG-1530/U
Material
Brass
Brass
Brass
Plating
Silver
Color
Gold
Black
Gold
...
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
Typical Performance Data
-55
-45
-35
-25
-15
-5
22
24
26
28
30
32
0 dB
33 GHz
Return Loss
PE-W34TF005-36 REV 1.0
PE-W34TF005-36
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-34 Flexible Waveguide Twist With a UG-1530/U Flange Operating From 22 GHz to
33 GHz PE-W34TF005-36
WR-34 Flexible Waveguide Twist With a UG-1530/U
Flange Operating From 22 GHz to 33 GHz
Waveguide Twists Technical Data Sheet


Similar Part No. - PE-W34TF005-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W34TF005-36 PASTERNACK-PE-W34TF005-36 Datasheet
557Kb / 4P
   WR-34 Twistable Flexible Waveguide
PE-W34TF005-36 PASTERNACK-PE-W34TF005-36_V01 Datasheet
557Kb / 4P
   WR-34 Twistable Flexible Waveguide
More results

Similar Description - PE-W34TF005-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W34TF005-12 PASTERNACK-PE-W34TF005-12 Datasheet
408Kb / 4P
   WR-34 Flexible Waveguide Twist With a UG-1530 - U Flange Operating From 22 GHz to 33 GHz
PE-W34TF005-24 PASTERNACK-PE-W34TF005-24 Datasheet
408Kb / 4P
   WR-34 Flexible Waveguide Twist With a UG-1530 - U Flange Operating From 22 GHz to 33 GHz
PE-W34SF005-12 PASTERNACK-PE-W34SF005-12 Datasheet
395Kb / 4P
   WR-34 Flexible Straight Waveguide Section 12 Inch Length with UG-1530 - U Flange Operating from 22 GHz to 33 GHz
PE-W34SF005-24 PASTERNACK-PE-W34SF005-24 Datasheet
396Kb / 4P
   WR-34 Flexible Straight Waveguide Section 24 Inch Length with UG-1530 - U Flange Operating from 22 GHz to 33 GHz
PE-W34SF005-36 PASTERNACK-PE-W34SF005-36 Datasheet
396Kb / 4P
   WR-34 Flexible Straight Waveguide Section 36 Inch Length with UG-1530 - U Flange Operating from 22 GHz to 33 GHz
PE-W22TW1001 PASTERNACK-PE-W22TW1001 Datasheet
405Kb / 3P
   WR-22 90 Degree Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz
PEWAD5009 PASTERNACK-PEWAD5009 Datasheet
418Kb / 4P
   WR-34 Waveguide Bulkhead Adapter UG-1530/U Square Cover Flange, 22 GHz to 33 GHz
PEWCA1001 PASTERNACK-PEWCA1001 Datasheet
368Kb / 3P
   WR-34 UG-1530/U Square Cover Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 22 GHz to 33 GHz
PE-W28TF005-12 PASTERNACK-PE-W28TF005-12 Datasheet
398Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W137TF005-24 PASTERNACK-PE-W137TF005-24 Datasheet
393Kb / 4P
   WR-137 Flexible Waveguide Twist With a UG-344 - U Flange Operating From 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com