Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN7912K Datasheet(PDF) 3 Page - Micro Electronics

Part # JAN7912K
Description  NEGATIVE FIXED VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

JAN7912K Datasheet(HTML) 3 Page - Micro Electronics

  JAN7912K Datasheet HTML 1Page - Micro Electronics JAN7912K Datasheet HTML 2Page - Micro Electronics JAN7912K Datasheet HTML 3Page - Micro Electronics JAN7912K Datasheet HTML 4Page - Micro Electronics JAN7912K Datasheet HTML 5Page - Micro Electronics JAN7912K Datasheet HTML 6Page - Micro Electronics JAN7912K Datasheet HTML 7Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SG7900A/SG7900 SERIES
05/01 Rev 1.5
LINFINITY Microelectronics Inc.
Copyright
 1999
11861 Western Avenue ∞
∞ Garden Grove, CA 92841
3
(714) 898-8121 ∞
∞FAX: (714) 893-2570
FIGURE 6.
SHORT CIRCUIT CURRENT VS. V
IN
CHARACTERISTIC CURVES (continued)
FIGURE 4.
SHORTCIRCUIT CURRENT VS. V
IN
FIGURE 5.
QUIESCENT CURRENT VS. V
IN
FIGURE 7.
DROPOUT CHARACTERISTICS
FIGURE 8.
RIPPLE REJECTION VS. FREQUENCY
APPLICATIONS
FIGURE 9 - FIXED OUTPUT REGULATOR
FIGURE 10 - CIRCUIT FOR INCREASING OUTPUT VOLTAGE
NOTE: 1. C1 is required only if regulator is separated from rectifier filter.
2. Both C1 and C2 should be low E.S.R. types such as solid
tantalum. If aluminum electrolytics are used, at least 10 times
values shown should be selected.
3. If large output capacities are used, the regulators must be
protected from momentary input shorts. A high current diode
NOTE: C3 optional for improved transient response and ripple rejec
R
2 =
V(REG)
15mA
V
OUT = V (REGULATOR)
R
1 + R2
R
1
NEGATIVE REGULATOR


Similar Part No. - JAN7912K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN7912K MICROSEMI-JAN7912K Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
JAN7912K MICROSEMI-JAN7912K Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
JAN7912K MICROSEMI-JAN7912K Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
More results

Similar Description - JAN7912K

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com