Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD8111FCT5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD8111FCT5G
Description  ESD Protection Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8111FCT5G Datasheet(HTML) 2 Page - ON Semiconductor

  ESD8111FCT5G Datasheet HTML 1Page - ON Semiconductor ESD8111FCT5G Datasheet HTML 2Page - ON Semiconductor ESD8111FCT5G Datasheet HTML 3Page - ON Semiconductor ESD8111FCT5G Datasheet HTML 4Page - ON Semiconductor ESD8111FCT5G Datasheet HTML 5Page - ON Semiconductor ESD8111FCT5G Datasheet HTML 6Page - ON Semiconductor ESD8111FCT5G Datasheet HTML 7Page - ON Semiconductor ESD8111FCT5G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ESD8101, ESD8111
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
VRWM
Working Peak Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
VHOLD
Holding Reverse Voltage
IHOLD
Holding Reverse Current
RDYN
Dynamic Resistance
IPP
Maximum Peak Pulse Current
VC
Clamping Voltage @ IPP
VC = VHOLD + (IPP * RDYN)
I
V
VCVRWMVHOLD
VBR
RDYN
VC
IR
IT
IHOLD
−IPP
RDYN
IPP
VC = VHOLD + (IPP * RDYN)
VRWM
VHOLD
IR
IT
IHOLD
VBR
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
I/O Pin to GND
3.3
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
5.5
7.9
8.6
V
Reverse Leakage Current
IR
VRWM = 3.3 V, I/O Pin to GND
1.0
mA
Reverse Holding Voltage
VHOLD
I/O Pin to GND
2.1
V
Holding Reverse Current
IHOLD
I/O Pin to GND
17
mA
ESD8101, ESD8111
Clamping Voltage
TLP (Note 1)
VC
IPP = 8 A
IEC 61000−4−2 Level 2 equivalent
(
±4 kV Contact, ±4 kV Air)
6.5
V
IPP = 16 A
IEC 61000−4−2 Level 2 equivalent
(
±8 kV Contact, ±15 kV Air)
10
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
0.2
0.4
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.
ORDERING INFORMATION
Device
Package
Shipping
ESD8101FCT5G
DSN2 (Pb−Free)
10,000 / Tape & Reel
ESD8111FCT5G
WLCSP2 (Pb−Free)
10,000 / Tape & Reel
ESD8101PFCT5G**
Side wall Isolated 01005
10,000 / Tape & Reel
ESD8111PFCT5G**
Side wall Isolated 0201
10,000 / Tape & Reel
** In Development. Contact local sales rep for availability.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - ESD8111FCT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
More results

Similar Description - ESD8111FCT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com