Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD8116 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ESD8116
Description  ESD Protection Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8116 Datasheet(HTML) 5 Page - ON Semiconductor

  ESD8116 Datasheet HTML 1Page - ON Semiconductor ESD8116 Datasheet HTML 2Page - ON Semiconductor ESD8116 Datasheet HTML 3Page - ON Semiconductor ESD8116 Datasheet HTML 4Page - ON Semiconductor ESD8116 Datasheet HTML 5Page - ON Semiconductor ESD8116 Datasheet HTML 6Page - ON Semiconductor ESD8116 Datasheet HTML 7Page - ON Semiconductor ESD8116 Datasheet HTML 8Page - ON Semiconductor ESD8116 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ESD8116
www.onsemi.com
5
Figure 6. Positive TLP I−V Curve
Figure 7. Negative TLP I−V Curve
VC, VOLTAGE (V)
20
18
16
14
12
10
8
6
4
2
00
8
6
4
2
020
18
16
14
24
6
8
12
10
−20
0
8
6
4
2
020
18
16
14
24
6
8
12
10
VC, VOLTAGE (V)
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
NOTE:
TLP parameter: Z0 = 50 W, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns. VIEC is the equivalent voltage
stress level calculated at the secondary peak of the IEC 61000−4−2 waveform at t = 30 ns with 2 A/kV. See TLP description
below for more information.
10
10
Transmission Line Pulse (TLP) Measurement
Transmission Line Pulse (TLP) provides current versus
voltage (I−V) curves in which each data point is obtained
from a 100 ns long rectangular pulse from a charged
transmission line. A simplified schematic of a typical TLP
system is shown in Figure 8. TLP I−V curves of ESD
protection devices accurately demonstrate the product’s
ESD capability because the 10s of amps current levels and
under 100 ns time scale match those of an ESD event. This
is illustrated in Figure 9 where an 8 kV IEC 61000−4−2
current waveform is compared with TLP current pulses at
8 A and 16 A. A TLP I−V curve shows the voltage at which
the device turns on as well as how well the device clamps
voltage over a range of current levels. For more information
on TLP measurements and how to interpret them please
refer to AND9007/D.
Figure 8. Simplified Schematic of a Typical TLP
System
DUT
L
S
÷
Oscilloscope
Attenuator
10 M
W
VC
VM
IM
50
W Coax
Cable
50
W Coax
Cable
Figure 9. Comparison Between 8 kV IEC 61000−4−2 and 8 A and 16 A TLP Waveforms


Similar Part No. - ESD8116

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8111 ONSEMI-ESD8111 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
More results

Similar Description - ESD8116

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com