Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD8118 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ESD8118
Description  Low Capacitance Array for High Speed Data Lines
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8118 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ESD8118 Datasheet HTML 2Page - ON Semiconductor ESD8118 Datasheet HTML 3Page - ON Semiconductor ESD8118 Datasheet HTML 4Page - ON Semiconductor ESD8118 Datasheet HTML 5Page - ON Semiconductor ESD8118 Datasheet HTML 6Page - ON Semiconductor ESD8118 Datasheet HTML 7Page - ON Semiconductor ESD8118 Datasheet HTML 8Page - ON Semiconductor ESD8118 Datasheet HTML 9Page - ON Semiconductor ESD8118 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ESD8118
www.onsemi.com
9
ESD Protection Device Technology
ON Semiconductor’s portfolio contains three main
technologies for low capacitance ESD protection device
which are highlighted below and in Figure 16.
ESD7000 series: Zener diode based technology. This
technology has a higher breakdown voltage (VBR)
limiting it to protecting chipsets with larger geometries.
ESD8000 series: Silicon controlled rectifier (SCR) type
technology. The key advatange for this technology is a
low holding voltage (VH) which produces a deeper
snapback that results in lower voltage over high
currents as shown in the TLP results in Figure 17. This
technology provides optimized protection for chipsets
with small geometries against thermal failures resulting
in chipset damage (also known as “hard failures”).
ESD8100 series: Low voltage punch through (LVPT)
type technology. The key advatange for this technology
is a very low turn-on voltage. This technology provides
optimized protection for chipsets with small geometries
against recoverable failures due to voltage peaks (also
known as “soft failures”).
Figure 16. ON Semiconductor’s Low-cap ESD Technology Portfolio
Figure 17. High Current, TLP, IV Characteristic of Each Technology
SCR
LVPT
Zener
0
2
4
6
8
10
12
14
16
18
20
02468
10
12
14
16
VC (V)
18
20
0
2
4
6
8
10


Similar Part No. - ESD8118

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8111 ONSEMI-ESD8111 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
More results

Similar Description - ESD8118

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJLCDA05 PANJIT-PJLCDA05 Datasheet
124Kb / 4P
   QUAD LOW CAPACITANCE TVS ARRAY FOR HIGH SPEED DATA LINES
logo
ON Semiconductor
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP2201MR6 ONSEMI-NUP2201MR6_06 Datasheet
74Kb / 6P
   Low Capacitance TSOP?? Diode?뭈VS Array for High Speed Data Lines Protection
January, 2006 ??Rev. 2
logo
Pan Jit International I...
PJLCDA05 PANJIT-PJLCDA05_06 Datasheet
89Kb / 4P
   ULTRA LOW CAPACITANCE QUAD TVS ARRAY FOR HIGH SPEED TRANSMISSION DATA LINES
logo
ON Semiconductor
NUP2201MR6 ONSEMI-NUP2201MR6 Datasheet
38Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
November, 2003 ??Rev. 1
NUP2202W1 ONSEMI-NUP2202W1 Datasheet
74Kb / 6P
   Low Capacitance SC-88 Diode-TVS Array for HIGH Speed Data Lines Protection
January, 2006 ??Rev. 1
NUP4202W1 ONSEMI-NUP4202W1 Datasheet
80Kb / 8P
   Low Capacitance SC??8 Diode?뭈VS Array for High Speed Data Lines Protection
March, 2006 ??Rev. 2
NUP4201MR6 ONSEMI-NUP4201MR6 Datasheet
41Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
March, 2005 ??Rev. 1
logo
Sanyo Semicon Device
VS912SL SANYO-VS912SL Datasheet
309Kb / 4P
   Low Capacitance TVS Diode Array Protection Device of High-speed Data Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com