Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD8351HT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESD8351HT1G
Description  ESD8118MUTAG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8351HT1G Datasheet(HTML) 1 Page - ON Semiconductor

  ESD8351HT1G Datasheet HTML 1Page - ON Semiconductor ESD8351HT1G Datasheet HTML 2Page - ON Semiconductor ESD8351HT1G Datasheet HTML 3Page - ON Semiconductor ESD8351HT1G Datasheet HTML 4Page - ON Semiconductor ESD8351HT1G Datasheet HTML 5Page - ON Semiconductor ESD8351HT1G Datasheet HTML 6Page - ON Semiconductor ESD8351HT1G Datasheet HTML 7Page - ON Semiconductor ESD8351HT1G Datasheet HTML 8Page - ON Semiconductor ESD8351HT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 6
1
Publication Order Number:
ESD8351/D
ESD8351, SZESD8351
ESD Protection Diodes
Low Capacitance ESD Protection Diode
for High Speed Data Line
The ESD8351 Series ESD protection diodes are designed to protect
high speed data lines from ESD. Ultra−low capacitance and low ESD
clamping voltage make this device an ideal solution for protecting
voltage sensitive high speed data lines.
Features
Low Capacitance (0.55 pF Max, I/O to GND)
Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
ISO 10605
Low ESD Clamping Voltage
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
USB 2.0
eSATA
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
− 55 to +125
°C
Storage Temperature Range
Tstg
− 55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
IEC 61000−4−2 Contact (ESD)
IEC 61000−4−2 Air (ESD)
ISO 10605 330 pF / 2 k
W Contact
ESD
ESD
ESD
±15
±15
±30
kV
kV
kV
Maximum Peak Pulse Current
8/20
ms @ TA = 25°C
Ipp
5.0
A
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
See Application Note AND8308/D for further description of
survivability specs.
MARKING
DIAGRAMS
X3DFN2
CASE 152AF
PIN CONFIGURATION
AND SCHEMATIC
www.onsemi.com
X, XX
= Specific Device Code
M
= Date Code
1
Cathode
2
Anode
SOD−323
CASE 477
SOD−523
CASE 502
SOD−923
CASE 514AB
PIN 1
M
1
2
AE
M
1
2
AF
12
AC M
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - ESD8351HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8351HT1G ONSEMI-ESD8351HT1G Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD8351HT1G ONSEMI-ESD8351HT1G Datasheet
501Kb / 10P
   ESD Protection Diodes Low Capacitance ESD Protection Diode for High Speed Data Line
October, 2021 - Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com