Selected language     English  ā–¼


LA72912V Datasheet(PDF) 5 Page - ON Semiconductor

Part No. LA72912V
Description  8-bit Withstand Voltage Microcontroller
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 5 page
background image
LA72912V
No.A1409-5/12
Package Dimensions
unit : mm (typ)
3175C
Pin Assignment
1
2
3
4
5
6
7
8
Emphasis filter
VCC5V
FM/Video Output
4V Regulator
FM/VD input
MOD/DEMOD Control
TC1(MOD)/FMAGC
monitor Out control
16
15
14
13
12
11
10
9
Video input
De-emphasis output
/V-2V select
A-GND
De-emphasis filter
FM AGC filter
B-GND
DOC-OUT
/2nd-Call input
Stand-by control
Top view
TC2(DEMOD)/FMAGC
monitor Output
ASK-VCC5V
ASK CAR IN
ASK DATA IN
ASK TX Output
20
19
18
17
24
23
22
21
ASK RX Output
ASK DET filter
ASK AGC filter
/AGC OFF
ASK RX input
SANYO : SSOP24(275mil)
7.8
0.22
0.65
(0.33)
12
13
24
1
0.15




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl