Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA72912V Datasheet(PDF) 6 Page - ON Semiconductor

Part # LA72912V
Description  8-bit Withstand Voltage Microcontroller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA72912V Datasheet(HTML) 6 Page - ON Semiconductor

  LA72912V Datasheet HTML 1Page - ON Semiconductor LA72912V Datasheet HTML 2Page - ON Semiconductor LA72912V Datasheet HTML 3Page - ON Semiconductor LA72912V Datasheet HTML 4Page - ON Semiconductor LA72912V Datasheet HTML 5Page - ON Semiconductor LA72912V Datasheet HTML 6Page - ON Semiconductor LA72912V Datasheet HTML 7Page - ON Semiconductor LA72912V Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA72912V
No.A1409-6/12
Block Diagram and Application Circuit Exanple1 Modulation (Outside camera)
1
2
3
4
5
7
8
REG
VD-IN
VD : Hi
FM-OUT
VCC(5V)
FM-stop
12dB-AMP
Video-Mute
Main
Emphasis
-6dB
Clamp
MOD/DEMOD
Control
9
FM-AGC(ON/OFF)
D-LIM
FM-MOD
LPF
FM-AGC-DET
Main De-Emph
24
23
22
21
20
17
MOD : Hi
DEMOD : Lo
→ 5V
Doc-DET
(Doc-LO)
Standby
Control
A-GND
A-VCC
Video-IN
FM-DEMOD/LPF
19
18
LPF
6
FF
10
11
12
16
15
14
13
LPF
ASK-AGC DET
ASK-AGC/ASK-RX
/Comparator
D-GND
LPF
VCC(5V)
ASK-VCC
FM-Stop,Polarity
E(VD) & A(SW)
TC1
TC2
Amp(ON/OFF)
ASK-TX
/Modulator
BPF
ASK-DATA IN
(Hi : CAR-OFF)
ASK-CAR IN
ASK-TX OUT
Standby SW
(Lo : FM-OFF)
(Hi : FM-ON)
ASK-RX IN
ASK-AGC
Filter
(OFF : 4.5V)
ASK-RX
Filter
ASK-RX OUT
(Hi : CAR having)
VDD
Emphasis
Monitor
*2
*2
*1
*1
*1: Open collector Output
*2: Push-Pull Output
Outside camera SW
2nd-call : Lo
Application Circuit Exanple2 Demodulation (Inside monitor)
1
2
3
4
5
7
8
REG
FM-IN
Video-OUT
VCC(5V)
FM-stop
12dB-AMP
Video-Mute
Main
Emphasis
-6dB
Clamp
MOD/DEMOD
Control
9
FM-AGC(ON/OFF)
D-LIM
FM-MOD
LPF
FM-AGC-DET
Main De-Emph
24
23
22
21
20
17
MOD : Hi
DEMOD : Lo
→ GND
Doc-DET
(Doc-LO)
Standby
Control
A-GND
A-VCC
FM-DEMOD/LPF
19
18
LPF
6
FF
10
11
12
16
15
14
13
LPF
ASK-AGC DET
ASK-AGC/ASK-RX
/Comparator
D-GND
LPF
VCC(5V)
ASK-VCC
FM-Stop,Polarity
E(VD) & A(SW)
TC1
TC2
Amp(ON/OFF)
ASK-TX
/Modulator
BPF
ASK-DATA IN
(Hi : CAR-OFF)
ASK-CAR IN
ASK-TX OUT
Standby SW
(Lo : FM-OFF)
(Hi : FM-ON)
ASK-RX IN
ASK-AGC
Filter
(OFF : 4.5V)
ASK-RX
Filter
ASK-RX OUT
(Hi : CAR having)
VDD
*2
*2
*1
*1
*1: Open collector Output
*2: Push-Pull Output
FM-AGC OFF
(OFF : 4.5V)
DOC-OUT
FM-OUT
Control
(ON/OFF)
(FM-OUT)


Similar Part No. - LA72912V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72912V SANYO-LA72912V Datasheet
196Kb / 12P
   FM Modulator and Demodulator IC
More results

Similar Description - LA72912V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
WPB4002 ONSEMI-WPB4002 Datasheet
257Kb / 5P
   8-bit Withstand Voltage Microcontroller
LA4282 ONSEMI-LA4282 Datasheet
167Kb / 7P
   8-bit Withstand Voltage Microcontroller
July 2015- Rev. 0
CPH3145 ONSEMI-CPH3145 Datasheet
534Kb / 5P
   8-bit Withstand Voltage Microcontroller
June 2015 - Rev. 2
2SK3816 ONSEMI-2SK3816 Datasheet
290Kb / 7P
   8-bit Withstand Voltage Microcontroller
ENA1035 ONSEMI-ENA1035 Datasheet
178Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA0145 ONSEMI-ENA0145 Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
2SK4124 ONSEMI-2SK4124 Datasheet
281Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
2SK4125 ONSEMI-2SK4125 Datasheet
288Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
ESD7102 ONSEMI-ESD7102 Datasheet
437Kb / 6P
   ESD Protection Diodes
March, 2015 - Rev. P0
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com