Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV3319PM Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV3319PM
Description  Electronic Volume IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV3319PM Datasheet(HTML) 3 Page - ON Semiconductor

  LV3319PM Datasheet HTML 1Page - ON Semiconductor LV3319PM Datasheet HTML 2Page - ON Semiconductor LV3319PM Datasheet HTML 3Page - ON Semiconductor LV3319PM Datasheet HTML 4Page - ON Semiconductor LV3319PM Datasheet HTML 5Page - ON Semiconductor LV3319PM Datasheet HTML 6Page - ON Semiconductor LV3319PM Datasheet HTML 7Page - ON Semiconductor LV3319PM Datasheet HTML 8Page - ON Semiconductor LV3319PM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LV3319PM
No.A1703-3/26
Electrical Characteristics
at Ta = 25°C, VDD = 9V, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input block
Input resistance
Rin
L1-L3, R1-R3
50
k
L4-L7, R4-R7
250
k
Minimum input gain
Gin min
-1.0
0
+1.0
dB
Maximum input gain
Gin max
+17
+18
+19
dB
Inter-step setting error
ATerr
-1.0
+1.0
dB
Left/Right balance
BAL
-0.5
+0.5
dB
Volume block
Input resistance
Rvr
LVRIN, RVRIN
200
k
Inter-step setting error
ATerr
+10dB to -40dB
-0.5
+0.5
dB
Left/Right balance
BAL
+10dB to -40dB
-0.5
+0.5
dB
Bass block
The maximum gain setting
Gb max
max. boost/cut
18
20
22
dB
Inter-step setting error
ATerr
-10dB to +10dB
-1.0
+1.0
dB
Left/Right balance
BAL
-1.0
+1.0
dB
Center frequency
f01
60
Hz
f02
70
Hz
f03
100
Hz
f04
120
Hz
Quality Factor
Q01
1.0
Q02
2.0
Mid block
The maximum gain setting
Gb max
max. boost/cut
18
20
22
dB
Inter-step setting error
ATerr
-10dB to +10dB
-1.0
+1.0
dB
Left/Right balance
BAL
-1.0
+1.0
dB
Center frequency
f01
700
Hz
f02
1
kHz
f03
1.2
kHz
Quality Factor
Q01
1.0
Q02
2.0
Treble block
The maximum gain setting
Gb max
max. boost/cut
18
20
22
dB
Inter-step setting error
ATerr
-10dB to +10dB
-1.0
+1.0
dB
Left/Right balance
BAL
-1.0
+1.0
dB
Center frequency
f01
7
kHz
f02
10
kHz
f03
11
kHz
f04
12
kHz
Quality Factor
Q01
1.0
Q02
2.0
General port block
Input resistance
Rgp
EXLIN, EXRIN
50
k
Inter-step setting error
ATerr
0dB to -40dB
-0.5
+0.5
dB
Left/Right balance
BAL
0dB to -40dB
-0.5
+0.5
dB
Fader block
Input resistance
Rfed
LFIN, RFIN
50
k
Inter-step setting error
ATerr
0dB to -40dB
-0.5
+0.5
dB
Left/Right balance
BAL
0dB to -40dB
-0.5
+0.5
dB


Similar Part No. - LV3319PM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
More results

Similar Description - LV3319PM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
logo
ON Semiconductor
LV3327PV ONSEMI-LV3327PV Datasheet
167Kb / 11P
   Electronic Volume IC
June, 2013
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
Princeton Technology Co...
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com