Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV3327PV Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV3327PV
Description  Electronic Volume IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV3327PV Datasheet(HTML) 2 Page - ON Semiconductor

  LV3327PV Datasheet HTML 1Page - ON Semiconductor LV3327PV Datasheet HTML 2Page - ON Semiconductor LV3327PV Datasheet HTML 3Page - ON Semiconductor LV3327PV Datasheet HTML 4Page - ON Semiconductor LV3327PV Datasheet HTML 5Page - ON Semiconductor LV3327PV Datasheet HTML 6Page - ON Semiconductor LV3327PV Datasheet HTML 7Page - ON Semiconductor LV3327PV Datasheet HTML 8Page - ON Semiconductor LV3327PV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LV3327PV
No.A1879-2/11
Specifications
Absolute Maximum Ratings
at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
6V
Maximum input voltage
VIN max
All input pins
VSS-0.3 to VDD
V
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-50 to +125
°C
Allowable Operating Ratings
at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
3.0
5.0
5.5
V
High-level input voltage
VIH
DATA, CLK
0.7 VDD
VDD
V
Low-level input voltage
VIL
DATA, CLK
VSS
0.2 VDD
V
Input pulse width
T
φW
CLK
0.6
μsec
Setup time
Tsetup
DATA, CLK
0.1
μsec
Hold time
Thold
DATA, CLK
0.9
μsec
Operating frequency
fopg
CLK
400
kHz
Electrical Characteristics
at Ta = 25°C, VDD = 5V, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
A loss of insertion
ATT
-1.0
+1.0
dB
Input resistance
Rin
IN1/IN2/IN3/IN4
50
k
Ω
Volumn step setting error margin
ATerr
+10dB to -40dB
-1.0
+1.0
dB
Total harmonic distortion
THD
VIN = 1Vrms, f = 1kHz
0.01
%
Maximum attenuation
VO min
VIN = 1Vrms, f = 1kHz
80
dB
Output noise voltage
VN
Rin=1k
Ω
5
μVrms
Current drain
IDD
5
mA
Input high-level current
IIH
DATA, CLK, VIN = 5.0V
10
μA
Input low-level current
IIL
DATA, CLK, VIN = 0V
-10
μA
Maximum input voltage
VCL
THD = 1% RL = 10k
Ω
volumn setting : flat, fIN = 1kHz
1.0
Vrms
Package Dimensions
unit : mm (typ)
3178B
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LV3327PV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV Datasheet
201Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
   Electronic Volume IC
More results

Similar Description - LV3327PV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
Princeton Technology Co...
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com