Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF4207 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF4207
Description  Dual P-Channel Field Effect Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF4207 Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF4207 Datasheet HTML 1Page - ON Semiconductor MMDF4207 Datasheet HTML 2Page - ON Semiconductor MMDF4207 Datasheet HTML 3Page - ON Semiconductor MMDF4207 Datasheet HTML 4Page - ON Semiconductor MMDF4207 Datasheet HTML 5Page - ON Semiconductor MMDF4207 Datasheet HTML 6Page - ON Semiconductor MMDF4207 Datasheet HTML 7Page - ON Semiconductor MMDF4207 Datasheet HTML 8Page - ON Semiconductor MMDF4207 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MMDF4207
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage(1)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
14.9
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 55°C)
IDSS
1.0
5.0
μAdc
Gate−Body Leakage Current (VGS = ±12 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage(1)
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
0.6
−2.6
Vdc
mV/°C
Static Drain−to−Source On−Resistance(1)
(VGS = 4.5 Vdc, ID = 6.2 Adc)
(VGS = 2.5 Vdc, ID = 5.0 Adc)
RDS(on)
22
34
33
50
Forward Transconductance (VDS = 10 Vdc, ID = 6.2 Adc)(1)
gFS
15
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 15 Vdc, VGS = 0 V,
f = 1.0 MHz)
Ciss
1210
1694
pF
Output Capacitance
Coss
560
784
Transfer Capacitance
Crss
340
476
SWITCHING CHARACTERISTICS(2)
Turn−On Delay Time
(VDS = 10 Vdc, ID = 1.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)(1)
td(on)
14
21
ns
Rise Time
tr
20
64
Turn−Off Delay Time
td(off)
68
74
Fall Time
tf
84
127
Gate Charge
(VDS = 10 Vdc, ID = 6.2 Adc,
VGS = 4.5 Vdc)(1)
QT
27
31
nC
Q1
4.5
Q2
11.7
Q3
9.3
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 1.7 Adc, VGS = 0 Vdc)(1)
(IS = 1.7 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.87
0.72
1.2
Vdc
Reverse Recovery Time
(IS = 1.7 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/μs)(1)
trr
43
80
ns
ta
20
tb
23
Reverse Recovery Stored
Charge
QRR
0.04
μC
(1) Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperatures.
(3) Repetitive rating; pulse width limited by max. junction temperature.


Similar Part No. - MMDF4207

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF4C03HD MOTOROLA-MMDF4C03HD Datasheet
275Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
logo
ON Semiconductor
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
MMDF4C03HDR2 ONSEMI-MMDF4C03HDR2 Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
logo
Motorola, Inc
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
logo
ON Semiconductor
MMDF4N01HD ONSEMI-MMDF4N01HD Datasheet
257Kb / 12P
   N?묬hannel Power MOSFET
June, 2004 ??Rev. XXX
More results

Similar Description - MMDF4207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J174 PHILIPS-J174 Datasheet
33Kb / 6P
   P-channel silicon field-effect transistors
April 1995
logo
New Jersey Semi-Conduct...
J174 NJSEMI-J174 Datasheet
80Kb / 1P
   P-channel silicon field-effect transistors
2N3993 NJSEMI-2N3993 Datasheet
136Kb / 1P
   P-CHANNEL JINCTION FIELD EFFECT TRANSISTORS
logo
NXP Semiconductors
PMBFJ174 PHILIPS-PMBFJ174 Datasheet
34Kb / 6P
   P-channel silicon field-effect transistors
April 1995
logo
Motorola, Inc
MGSF3441VT1 MOTOROLA-MGSF3441VT1 Datasheet
102Kb / 6P
   TMOS Single P-channel Field Effect Transistors
logo
New Jersey Semi-Conduct...
2N3329 NJSEMI-2N3329 Datasheet
86Kb / 1P
   P-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
RFM5P12 NJSEMI-RFM5P12 Datasheet
88Kb / 2P
   P-Channel Enhancement-Mode Power Field-Effect Transistors
logo
GE Solid State
RFM10P12 GESS-RFM10P12 Datasheet
242Kb / 4P
   P-CHANNEL ENHANCEMENT - MODE POWER FIELD-EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
RFP5P12 NJSEMI-RFP5P12 Datasheet
88Kb / 2P
   P-Channel Enhancement-Mode Power Field-Effect Transistors
logo
List of Unclassifed Man...
RFM6P08 ETC-RFM6P08 Datasheet
445Kb / 8P
   P CHANNEL ENHANCEMENT MODE POWER FIELD EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com