Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP065A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # TCP065A
Description  DUAL ASYMETRICAL TRANSIENT SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TCP065A Datasheet(HTML) 1 Page - Microsemi Corporation

  TCP065A Datasheet HTML 1Page - Microsemi Corporation TCP065A Datasheet HTML 2Page - Microsemi Corporation TCP065A Datasheet HTML 3Page - Microsemi Corporation TCP065A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi
Santa Ana Division
2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 1
Copyright
 2000
MSC1630.PDF 2000-11-30
TCP058A thru TCP120A
DUAL ASYMETRICAL TRANSIENT
SUPPRESSOR
PRODUCT PREVIEW
SAN T A ANA DIV I S I ON
DESCRIPTION
This Thyristor Surge Suppressor device has been especially designed to
protect subscriber line cards against overvoltage. Two diodes clamp
positive overloads while negative surges are suppressed by two protection
thyristors.
Particular attention has been given to the internal wire bonding. The ”4-
point” configuration ensures a reliable protection, eliminating overvoltages
introduced by the parasitic inductances of the wiring (Ldi/dt), especially for
very fast transient overvoltages.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
COMPLIES WITH THE FOLLOWING STANDARDS:
(*) with series resistors or PTC.
CCITT K20
:
10/700
µs
1
kV
5/310
µs
38 A
VDE 0433:
10/700
µs
2
kV
5/310
µs
50 A
VDE 0878:
1.2/50
µs
1.5 kV
1/20
µs
40 A
I3124:
0.5/700
µs
1
Kv
0.2/310
µs
38 A
FCC part 68:
02/10
µs
2.5 kv
02/10
µs
125 A (*)
BELLCORE
TR-NWT-001089:
02/10
µs
2.5 kv
02/10
µs
125 A (*)
10/1000
µs
1
kV
10/1000
µs
40 A (*)
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"
DUAL ASYMETRICAL
TRANSIENT SUPPRESSOR
!"
PEAK PULSE CURRENT:
IPP=40A,10/1000µs
!"
HOLDING CURRENT:150mA
min.
!"
BREAKDOWN VOLTAGE:
TCP058A: 58 V
TCP065A: 65 V
TCP072A: 60 V
TCP082A: 70 V
TCP080A: 80 V
TCP120A: 120 V
!"
LOW DYNAMIC
CHARACTERISTICS
!"
STAND CCITT K20 AND
LSSGR
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
!"
UL94V-0
TCPxx packages comply with requirements of UL94V-0


Similar Part No. - TCP065A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCP0020 ETC2-TCP0020 Datasheet
336Kb / 4P
   AC/DC Current Probes
logo
TEKTRONIX, INC.
TCP0020 TEKTRONIX-TCP0020 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
TCP0020 TEKTRONIX-TCP0020 Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TCP0020 TEKTRONIX-TCP0020 Datasheet
961Kb / 18P
   Mixed Signal Oscilloscopes
TCP0020 TEKTRONIX-TCP0020 Datasheet
2Mb / 40P
   Mixed Domain Oscilloscopes
More results

Similar Description - TCP065A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TCP009A MICROSEMI-TCP009A Datasheet
870Kb / 8P
   DUAL ASYMETRICAL TRANSIENT SUPPRESSOR FOR XDSL AND DATA LINES
logo
Shanghai Leiditech Elec...
LMOS61089B-17 LEIDITECH-LMOS61089B-17 Datasheet
834Kb / 6P
   Dual programmable transient suppressor
61089B LEIDITECH-61089B Datasheet
840Kb / 6P
   Dual programmable transient suppressor
LMOS61089-17 LEIDITECH-LMOS61089-17 Datasheet
837Kb / 6P
   Dual programmable transient suppressor
logo
Microsemi Corporation
TCP135K2 MICROSEMI-TCP135K2 Datasheet
184Kb / 3P
   DUAL ASYMMETRICAL TRANSIENT SUPPRESSOR
logo
Shanghai Leiditech Elec...
LM61089H LEIDITECH-LM61089H Datasheet
659Kb / 6P
   Dual programmable transient suppressor.
LM61089B LEIDITECH-LM61089B Datasheet
837Kb / 6P
   Dual programmable transient suppressor
LM61089L LEIDITECH-LM61089L Datasheet
695Kb / 6P
   Dual programmable transient suppressor.
logo
Bruckewell Technology L...
TS61089 BWTECH-TS61089 Datasheet
259Kb / 5P
   Dual Programmable Transient Voltage Suppressor
logo
Socay Electornics Co., ...
S61089 SOCAY-S61089 Datasheet
306Kb / 3P
   Dual Programmable Transient Voltage Suppressor(TVS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com