Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3N106KMNG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB3N106KMNG
Description  Differential 1:6 Fanout Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N106KMNG Datasheet(HTML) 3 Page - ON Semiconductor

  NB3N106KMNG Datasheet HTML 1Page - ON Semiconductor NB3N106KMNG Datasheet HTML 2Page - ON Semiconductor NB3N106KMNG Datasheet HTML 3Page - ON Semiconductor NB3N106KMNG Datasheet HTML 4Page - ON Semiconductor NB3N106KMNG Datasheet HTML 5Page - ON Semiconductor NB3N106KMNG Datasheet HTML 6Page - ON Semiconductor NB3N106KMNG Datasheet HTML 7Page - ON Semiconductor NB3N106KMNG Datasheet HTML 8Page - ON Semiconductor NB3N106KMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NB3N106K
http://onsemi.com
3
Table 2. ATTRIBUTES
Characteristic
Value
ESD Protection
Human Body Model
Machine Model
>2 kV
200 V
Moisture Sensitivity (Note 2)
QFN−24
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
286
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
2. For additional information, see Application Note AND8003/D.
Table 3. MAXIMUM RATINGS (Note 3)
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
GND = 0 V
4.6
V
VI
Positive Input
GND = 0 V
GND − 0.3 ≤ VI ≤ VCC
V
IOUT
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
QFN−24
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient) (Note 3)
0 lfpm
500 lfpm
QFN−24
QFN−24
37
32
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P (Note 3)
QFN−24
11
°C/W
Tsol
Wave Solder
Pb−Free
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
3. JEDEC standard 51−6, multilayer board − 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad..


Similar Part No. - NB3N106KMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N108KMNG ONSEMI-NB3N108KMNG Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N108KMNR4G ONSEMI-NB3N108KMNR4G Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
More results

Similar Description - NB3N106KMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N111K ONSEMI-NB3N111K Datasheet
130Kb / 9P
   3.3V Differential 1:10 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N121K ONSEMI-NB3N121K Datasheet
136Kb / 11P
   Differential 1:21 Fanout Clock
March, 2012 ??Rev. 1
NB4N121KMNGEVB ONSEMI-NB4N121KMNGEVB Datasheet
151Kb / 9P
   3.3V Differential 1:21 Differential Fanout Clock Driver with HCSL level Output
April, 2012 ??Rev. 6
NB4N111K ONSEMI-NB4N111K Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB4N121K ONSEMI-NB4N121K Datasheet
107Kb / 10P
   3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
June, 2007 - Rev. 0
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com