Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDSSF2316E Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # GDSSF2316E
Description  GENERAL FEATURES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GDSSF2316E Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  GDSSF2316E_15 Datasheet HTML 1Page - GOOD-ARK Electronics GDSSF2316E_15 Datasheet HTML 2Page - GOOD-ARK Electronics GDSSF2316E_15 Datasheet HTML 3Page - GOOD-ARK Electronics GDSSF2316E_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Suzhou Goodark Electronics Co., Ltd
Version 1.0
GDSSF2316E
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2316E
SSF2316E
DFN3×3-8L
-
-
-
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous@ Current-Pulsed (Note 1)
ID
7
A
IDM
40
A
Maximum Power Dissipation
PD
1.4
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
83
/W
GENERAL FEATURES
● VDS = 20V,ID = 7A
RDS(ON) < 35mΩ @ VGS=2.5V
RDS(ON) < 30mΩ @ VGS=3.1V
RDS(ON) < 24mΩ @ VGS=4V
RDS(ON) < 23mΩ @ VGS=4.5V
ESD Rating:2000V HBM
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package
Application
●Battery protection
●Load switch
●Power management
Pin Assignment
Schematic diagram
DFN3×3-8L BOTTOM VIEW


Similar Part No. - GDSSF2316E_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GDSSF2316E GOOD-ARK-GDSSF2316E Datasheet
269Kb / 4P
   High Power and current handing capability
More results

Similar Description - GDSSF2316E_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GDSSF2429 GOOD-ARK-GDSSF2429_15 Datasheet
305Kb / 4P
   GENERAL FEATURES
GDSSF2305 GOOD-ARK-GDSSF2305_15 Datasheet
527Kb / 6P
   GENERAL FEATURES
GDSSF2318E GOOD-ARK-GDSSF2318E_15 Datasheet
295Kb / 4P
   GENERAL FEATURES
GDSSF2301A GOOD-ARK-GDSSF2301A_15 Datasheet
304Kb / 4P
   GENERAL FEATURES
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK_15 Datasheet
483Kb / 4P
   GENERAL FEATURES
GDSSF2300A GOOD-ARK-GDSSF2300A_15 Datasheet
579Kb / 6P
   GENERAL FEATURES
GDSSF2449 GOOD-ARK-GDSSF2449_15 Datasheet
331Kb / 4P
   GENERAL FEATURES
GDSSF2418EB GOOD-ARK-GDSSF2418EB_15 Datasheet
507Kb / 4P
   GENERAL FEATURES
GDSSF2418B GOOD-ARK-GDSSF2418B_15 Datasheet
483Kb / 4P
   GENERAL FEATURES
GDSSF2336 GOOD-ARK-GDSSF2336_15 Datasheet
279Kb / 4P
   GENERAL FEATURES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com